Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 5Page - Texas Instruments TPS62870 Datasheet HTML 6Page - Texas Instruments TPS62870 Datasheet HTML 7Page - Texas Instruments TPS62870 Datasheet HTML 8Page - Texas Instruments TPS62870 Datasheet HTML 9Page - Texas Instruments TPS62870 Datasheet HTML 10Page - Texas Instruments TPS62870 Datasheet HTML 11Page - Texas Instruments TPS62870 Datasheet HTML 12Page - Texas Instruments TPS62870 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
6.3 Recommended Operating Conditions (continued)
Over operating temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
L
Inductance
110
330
nH
fSW ≥ 2.25MHz and VOUT ≤ 1.675V
55
330
CIN
Input capacitance (per
pin)(2)
VIN
5
10
µF
COUT
Output capacitance(2)
40
(3)
CPAR
Parasitic capacitance
VSEL, FSEL
100
pF
SYNC_OUT
20
Resistor tolerance
VSEL, FSEL
±2%
TJ
Operating junction
temperature
–40
125
°C
(1)
Whichever value is lower.
(2)
Effective capacitance.
(3)
The maximum recommended output capacitance depends on the specific operating conditions of an application. Output capacitance
values up to a few millifarad are typically possible, however.
6.4 Thermal Information
THERMAL METRIC(1)
TPS6287x
UNIT
RXS (JEDEC)
RXS (EVM)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
43.2
28
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
19.2
N/A
°C/W
RθJB
Junction-to-board thermal resistance
7.7
N/A
°C/W
ΨJT
Junction-to-top characterization parameter
0.5
1.5
°C/W
ΨJB
Junction-to-board characterization parameter
7.7
9.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
6.3
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
6.5 Electrical Characteristics
over operating junction temperature (TJ = –40°C to 125°C) and VIN = 2.7V to 6V. Typical values at VIN = 3.3V and TJ = 25°C
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IQ
Supply current (VIN)
Operating
EN = high, IOUT = 0mA, V(SW) = 0V,
primary operation, device not switching,
TJ = 25°C
1.75
3
mA
Standby
EN = low, V(SW) = 0V, TJ = 25°C
16.5
40
µA
VIT+
Positive-going UVLO threshold voltage
(VIN)
2.5
2.6
2.7
V
VIT–
Negative-going UVLO threshold voltage
(VIN)
2.4
2.5
2.6
V
Vhys
UVLO hysteresis voltage (VIN)
90
mV
VIT+
Positive-going OVLO threshold voltage
(VIN)
6.1
6.3
6.5
V
VIT–
Negative-going OVLO threshold voltage
(VIN)
6.0
6.2
6.4
V
Vhys
OVLO hysteresis voltage (VIN)
85
mV
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com