Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 7Page - Texas Instruments TPS62870 Datasheet HTML 8Page - Texas Instruments TPS62870 Datasheet HTML 9Page - Texas Instruments TPS62870 Datasheet HTML 10Page - Texas Instruments TPS62870 Datasheet HTML 11Page - Texas Instruments TPS62870 Datasheet HTML 12Page - Texas Instruments TPS62870 Datasheet HTML 13Page - Texas Instruments TPS62870 Datasheet HTML 14Page - Texas Instruments TPS62870 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
6.5 Electrical Characteristics (continued)
over operating junction temperature (TJ = –40°C to 125°C) and VIN = 2.7V to 6V. Typical values at VIN = 3.3V and TJ = 25°C
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VT+
Positive-going power good threshold
voltage (output overvoltage)
104
106
108 %VOUT
VT–
Negative-going power good threshold
voltage (output overvoltage)
102
104
106 %VOUT
VOL
Low-level output voltage (PG)
IOL = 1mA
0.3
V
IOH
High-level output current (PG)
VOH = 3.3V
200
nA
VIH
High-level input voltage (PG)
Device configured as a secondary device
in stacked operation
0.8
V
VIL
Low-level input voltage (PG)
Device configured as a secondary device
in stacked operation
0.4
V
IIH
High-level input current (PG)
Device configured as a secondary device
in stacked operation
1
µA
IIL
Low-level input current (PG)
Device configured as a secondary device
in stacked operation
–1
µA
td(PG)
Deglitch time (PG)
High-to-low or low-to-high transition on
the PG pin
34
40
46
µs
OUTPUT
VOUT
Output accuracy
VIN ≥ VOUT + 1.4V
–1
1
%
IIB
Input bias current (GOSNS)
V(GOSNS) = –100mV to 100mV
–6
µA
IIB
Input bias current (VOSNS)
V(VOSNS) = 3.3V, VIN = 6V
6
µA
VICR
Input common-mode range (GOSNS)
–100
100
mV
Output discharge current in constant
current mode
V(VOSNS) = 2V
50
115
200
mA
RDIS
Output discharge resistance in resistive
discharge mode
V(VOSNS) ≤ 0.5V
6
Ω
fSW
Switching frequency (SW)
fSW = 1.5MHz, PWM operation, VIN 3.3V,
VOUT = 0.75V
1.35
1.5
1.65
MHz
fSW = 2.25MHz, PWM operation, VIN 3.3V,
VOUT = 0.75V
2.025
2.25
2.475
fSW = 2.5MHz, PWM operation, VIN 3.3V,
VOUT = 0.75V
2.25
2.5
2.75
fSW = 3MHz, PWM operation, VIN 3.3V,
VOUT = 0.75V
2.7
3
3.3
fmod
Frequency of the spread-spectrum sweep
fsw/2048
kHz
ΔfSW
Switching frequency variation during
spread-spectrum operation
±10%
τ
Emulated current time constant
12.5
µs
rDS(on)
High-side FET static on-state resistance
VIN = 3.3V
7
16
mΩ
rDS(on)
Low-side FET static on-state resistance
VIN = 3.3V
4.1
9.4
mΩ
I(SW)(off)
High-side FET off-state current
VIN = 6V, V(SW) = 0V, TJ = 25°C
–1
µA
Low-side FET off-state current
VIN = 6V, V(SW) = 6V, TJ = 25°C
100
ILIM
High-side FET forward
switch current limit, DC
TPS62870
9
12
14
A
TPS62871
12
16
18
TPS62872
15
20
22
TPS62873
18
24
26
Low-side FET negative current limit, DC
7.5
12
A
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com