Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 43 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 39Page - Texas Instruments TPS62870 Datasheet HTML 40Page - Texas Instruments TPS62870 Datasheet HTML 41Page - Texas Instruments TPS62870 Datasheet HTML 42Page - Texas Instruments TPS62870 Datasheet HTML 43Page - Texas Instruments TPS62870 Datasheet HTML 44Page - Texas Instruments TPS62870 Datasheet HTML 45Page - Texas Instruments TPS62870 Datasheet HTML 46Page - Texas Instruments TPS62870 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
8.5 STATUS Register (Address = 4h) [Reset = 2h]
STATUS is shown in Figure 8-5 and described in Table 8-7.
Return to the Summary Table.
This register returns the device status flags.
Figure 8-5. STATUS Register
7
6
5
4
3
2
1
0
RESERVED
HICCUP
ILIM
TWARN
TSHUT
PBUV
PBOV
R-00b
R-0b
R-0b
R-0b
R-0b
R-1b
R-0b
Table 8-7. STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R
00b
Reserved for future use. For compatibility with future device variants,
ignore these bits.
5
HICCUP
R
0b
Hiccup. This bit reports whether a hiccup event occurred since the
last time the STATUS register was read.
0b = No hiccup event occurred
1b = A hiccup event occurred
4
ILIM
R
0b
Current limit. This bit reports whether an current limit event occurred
since the last time the STATUS register was read.
0b = No current limit event occurred
1b = An current limit event occurred
3
TWARN
R
0b
Thermal warning. This bit reports whether a thermal warning event
occurred since the last time the STATUS register was read.
0b = No thermal warning event occurred
1b = A thermal warning event occurred
2
TSHUT
R
0b
Thermal shutdown. This bit reports whether a thermal shutdown
event occurred since the last time the STATUS register was read.
0b = No thermal shutdown event occurred
1b = A thermal shutdown event occurred
1
PBUV
R
1b
Power-bad undervoltage. This bit reports whether a power-bad event
(output voltage too low) occurred since the last time the STATUS
register was read.
0b = No power-bad undervoltage event occurred
1b = A power-bad undervoltage event occurred
0
PBOV
R
0b
Power-bad overvoltage. This bit reports whether a power-bad event
(output voltage too high) occurred since the last time the STATUS
register was read.
0b = No power-bad overvoltage event occurred
1b = A power-bad overvoltage event occurred
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com