Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 60 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 56Page - Texas Instruments TPS62870 Datasheet HTML 57Page - Texas Instruments TPS62870 Datasheet HTML 58Page - Texas Instruments TPS62870 Datasheet HTML 59Page - Texas Instruments TPS62870 Datasheet HTML 60Page - Texas Instruments TPS62870 Datasheet HTML 61Page - Texas Instruments TPS62870 Datasheet HTML 62Page - Texas Instruments TPS62870 Datasheet HTML 63Page - Texas Instruments TPS62870 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
9-Oct-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS62870Z0WRXSR
VQFN-
FCRLF
RXS
16
3000
330.0
12.4
2.8
3.8
1.2
4.0
12.0
Q1
TPS62870Z4WRXSR
VQFN-
FCRLF
RXS
16
3000
330.0
12.4
2.8
3.8
1.2
4.0
12.0
Q1
TPS62871Z0WRXSR
VQFN-
FCRLF
RXS
16
3000
330.0
12.4
2.8
3.8
1.2
4.0
12.0
Q1
TPS62871Z2WRXSR
VQFN-
FCRLF
RXS
16
3000
330.0
12.4
2.8
3.8
1.2
4.0
12.0
Q1
TPS62871Z4WRXSR
VQFN-
FCRLF
RXS
16
3000
330.0
12.4
2.8
3.8
1.2
4.0
12.0
Q1
TPS62872Z0WRXSR
VQFN-
FCRLF
RXS
16
3000
330.0
12.4
2.8
3.8
1.2
4.0
12.0
Q1
TPS62872Z2WRXSR
VQFN-
FCRLF
RXS
16
3000
330.0
12.4
2.8
3.8
1.2
4.0
12.0
Q1
TPS62872Z4WRXSR
VQFN-
FCRLF
RXS
16
3000
330.0
12.4
2.8
3.8
1.2
4.0
12.0
Q1
TPS62873Z0WRXSR
VQFN-
FCRLF
RXS
16
3000
330.0
12.4
2.8
3.8
1.2
4.0
12.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com