Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 36 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 32Page - Texas Instruments TPS62870 Datasheet HTML 33Page - Texas Instruments TPS62870 Datasheet HTML 34Page - Texas Instruments TPS62870 Datasheet HTML 35Page - Texas Instruments TPS62870 Datasheet HTML 36Page - Texas Instruments TPS62870 Datasheet HTML 37Page - Texas Instruments TPS62870 Datasheet HTML 38Page - Texas Instruments TPS62870 Datasheet HTML 39Page - Texas Instruments TPS62870 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
Upon the receipt of a stop condition, all devices know that the bus is released, and the devices wait for a start
condition followed by a matching address.
Attempting to read data from register addresses not listed in this section results in 0x00 being read out.
1
SCL from
Controller
2
8
9
Data Output
by Receiver
Data Output by
Transmitter
Not Acknowledge
Acknowledge
Clock pulse for
acknowledgment
S
START
Condition
Figure 7-18. Acknowledge on the I2C Bus
SDA
1
2
7
8
SCL
9
MSB
ACK
S or Sr
START or
repeated START
condition
acknowledgement
signal from Target
byte complete,
interrupt within target
2
3 to 8
9
1
ACK
clock line held low while
interrupts are serviced
Sr or P
STOP or
repeated START
condition
Sr
P
acknowledgement
signal from receiver
Recognize START or
REPEATED START
condition
Recognize STOP or
REPEATED START
condition
Generate ACKNOWLEDGE
signal
Figure 7-19. Bus Protocol
7.5.3 I2C Update Sequence
The following are required for a single update:
• A start condition
• A valid I2C address
• A register address byte
• A data byte
After the receipt of each byte, the receiving device acknowledges by pulling the SDA line low during the high
period of a single clock pulse. A valid I2C address selects the target. The target performs an update on the falling
edge of the acknowledge signal that follows the LSB byte.
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com