Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 33 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 29Page - Texas Instruments TPS62870 Datasheet HTML 30Page - Texas Instruments TPS62870 Datasheet HTML 31Page - Texas Instruments TPS62870 Datasheet HTML 32Page - Texas Instruments TPS62870 Datasheet HTML 33Page - Texas Instruments TPS62870 Datasheet HTML 34Page - Texas Instruments TPS62870 Datasheet HTML 35Page - Texas Instruments TPS62870 Datasheet HTML 36Page - Texas Instruments TPS62870 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
Table 7-8. Functionality During Stacked Operation (continued)
FUNCTION
PRIMARY DEVICE
SECONDARY DEVICE
REMARK
SSC
Through I2C
Yes, through primary device
Daisy-chained from primary device
to secondary devices
SYNC
Yes
Yes, through primary device
Synchronization clock applied to
primary device
Precise Enable
No
No
Only binary enable
Output Discharge
Through I2C
Yes
Always enabled in secondary
devices
Fault Handling During Stacked Operation
In a stacked configuration, there are some faults that only affect individual devices and other faults that affect
all devices. For example, if one device enters current limit, only that device is affected. A thermal shutdown or
undervoltage lockout event in one device disables all devices through the shared enable (SYSTEM_READY)
signal. Table 7-9 summarizes the fault handling of the TPS6287x devices during stacked operation.
Table 7-9. Fault Handling During Stacked Operation
FAULT CONDITION
DEVICE RESPONSE
SYSTEM RESPONSE
UVLO
Enable signal pulled low
New soft start
OVLO
Thermal shutdown
Current limit
Enable signal remains high
Error amplifier clamped
7.4 Device Functional Modes
7.4.1 Power-On Reset
The device operates in POR mode when the supply voltage is less than the POR threshold, 1.4V (typical).
In POR mode, no functions are available and the content of the device registers is not valid.
The device leaves POR mode and enters UVLO mode when the supply voltage increases above the POR
threshold.
7.4.2 Undervoltage Lockout
The device operates in UVLO mode when the supply voltage is between the POR and UVLO thresholds.
If the device enters UVLO mode from POR mode, no functions are available. If the device enters UVLO mode
from standby mode, the output discharge function is available. The content of the device registers is valid in
UVLO mode.
The device leaves UVLO mode and enters POR mode when the supply voltage decreases below the POR
threshold. The device leaves UVLO mode and enters standby mode when the supply voltage increases above
the UVLO threshold.
7.4.3 Standby
The device operates in standby mode when the supply voltage is greater than the UVLO threshold (and the
device has completed the initialization) and any of the following conditions is true:
• A low level is applied to the EN pin.
• SWEN = 0 in the CONTROL1 register.
• The device junction temperature is greater than the thermal shutdown threshold.
• The supply voltage is greater than the OVLO threshold.
The device initializes during the specified time-interval td(EN)1 (typical 175µs, max 500µs), after the supply
voltage increases above the UVLO threshold voltage following a device power-on reset. If the supply voltage
decreases below the UVLO threshold but not below the POR threshold, the device does not reinitialize when
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com