Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 63 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 58Page - Texas Instruments TPS62870 Datasheet HTML 59Page - Texas Instruments TPS62870 Datasheet HTML 60Page - Texas Instruments TPS62870 Datasheet HTML 61Page - Texas Instruments TPS62870 Datasheet HTML 62Page - Texas Instruments TPS62870 Datasheet HTML 63Page - Texas Instruments TPS62870 Datasheet HTML 64Page - Texas Instruments TPS62870 Datasheet HTML 65Page - Texas Instruments TPS62870 Datasheet HTML 66Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
PACKAGE OUTLINE
4226093/E 09/2022
www.ti.com
VQFN-FCRLF - 1.05 mm max height
PLASTIC QUAD FLAT PACK- NO LEAD
RXS0016A
A
0.08 C
3.65
3.45
1.05
0.95
SEATING PLANE
PIN 1 INDEX AREA
C
(0.2) TYP
0.00
-0.01
1
0.1
C A B
0.05
C
PIN 1 ID
(45° X 0.35)
B
2.65
2.45
16X 0.3
0.2
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
20X 0.5
2X 3
24X (0.18)
2X 2
11X 0.5
0.3
0.2 MIN.
2.25±0.1
1.25±0.1
SYMM ℄
SYMM
℄
3X 0.275
6
7
8
13
16
17
SECTION A-A
TYPICAL
0.1 MIN
(0.1)
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com