Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 25Page - Texas Instruments TPS62870 Datasheet HTML 26Page - Texas Instruments TPS62870 Datasheet HTML 27Page - Texas Instruments TPS62870 Datasheet HTML 28Page - Texas Instruments TPS62870 Datasheet HTML 29Page - Texas Instruments TPS62870 Datasheet HTML 30Page - Texas Instruments TPS62870 Datasheet HTML 31Page - Texas Instruments TPS62870 Datasheet HTML 32Page - Texas Instruments TPS62870 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
(as set by the VRAMP[1:0] bits in the CONTROL1 register), keeping the PG pin high-impedance. After the DVS
time has passed, PG again reflects the output of the window comparator.
Note that the PG pin is always low, regardless of the output of the window comparator, when:
• The device is in thermal shutdown
• The device is disabled
• The device is in undervoltage lockout or overvoltage lockout (UVLO or OVLO)
• The device is in soft start
A small RC filter (1kΩ + 10pF, for example) can be added to the PG pin to filter out high frequency signals.
7.3.14.2 Secondary Device Behavior
Figure 7-14 shows a functional block diagram of the power-good function in a secondary device. During
initialization, the device presets FF1 and FF2, which pulls down the PG pin and forces the device to operate
in DCM. When the device completes the soft start, the device resets FF2, which turns off Q1. However, in a
stacked configuration, all devices share the same PG signal, and therefore the PG pin stays low until all devices
in the stack have completed the soft start. When that happens, FF1 is reset and the converters operate in CCM.
PG
SOFT START
COMPLETE
Latch
SECONDARY DEVICE
DETECTED
FORCE DCM
VIL = < 0.4 V
VIH = > 0.8 V
FF1
FF2
Q1
Input
Buffer
Latch
Figure 7-14. Power-Good Functional Block Diagram (Secondary Device)
7.3.15 Remote Sense
The device has two pins, VOSNS and GOSNS, to remotely sense the output voltage. Remote sensing lets the
converter sense the output voltage directly at the point-of-load and increases the accuracy of the output voltage
regulation.
7.3.16 Thermal Warning and Shutdown
The device has a two-level overtemperature detection function.
If the junction temperature rises above the thermal warning threshold of 150°C (typical), the device sets the
TWARN bit in the STATUS register. The device clears the TWARN bit if the user reads the STATUS register
when the junction temperature is below the TWARN threshold of 130°C (typical).
If the junction temperature rises above the thermal shutdown threshold of 170°C (typical), the device:
• Stops switching
• Pulls down the EN pin (if SINGLE = 0 in the CONTROL3 register)
• Enables the output discharge (if DISCHEN = 1 in the CONTROL1 register)
• Sets the TSHUT bit in the STATUS register
• Pulls the PG pin low
If the junction temperature falls below the thermal shutdown threshold of 150°C (typical), the device:
• Starts switching again, starting with a new soft-start sequence
• Sets the EN pin to high impedance
• Sets the PG pin to high-impedance
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com