Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 2Page - Texas Instruments TPS62870 Datasheet HTML 3Page - Texas Instruments TPS62870 Datasheet HTML 4Page - Texas Instruments TPS62870 Datasheet HTML 5Page - Texas Instruments TPS62870 Datasheet HTML 6Page - Texas Instruments TPS62870 Datasheet HTML 7Page - Texas Instruments TPS62870 Datasheet HTML 8Page - Texas Instruments TPS62870 Datasheet HTML 9Page - Texas Instruments TPS62870 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
5 Pin Configuration and Functions
7
VIN
Not to scale
12
SDA
11
MODE/SYNC
10
PG
9
VIN
SCL
13
8
GND
SW
6
GND
5
EN
4
VOSNS
3
GOSNS
2
1
COMP
Thermal
Pad
Figure 5-1. 16-Pin RXS VQFN Package (Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
COMP
1
—
Device compensation input. A resistor and capacitor from this pin to GOSNS define the
compensation of the control loop.
In stacked operation, connect the COMP pins of all stacked devices together and connect a
resistor and capacitor between the common COMP node and GOSNS.
GOSNS
2
I
Output ground sense (differential output voltage sensing)
VOSNS
3
I
Output voltage sense (differential output voltage sensing)
EN
4
I
This is the enable pin of the device. The user must connect to this pin using a series resistor of
at least 15kΩ. A low logic level on this pin disables the device and a high logic level on this pin
enables the device. Do not leave this pin unconnected.
For stacked operation, interconnect EN pins of all stacked devices with a resistor to the supply
voltage or a GPIO of a processor. See Section 7.3.17 for a detailed description.
VIN
5, 9
P
Power supply input. Connect an input capacitor as close as possible between each VIN and GND
(on both sides of the package)
GND
6, 8
GND
Ground pin
SW
7
O
This pin is the switch pin of the converter and is connected to the internal power MOSFETs.
PG
10
I/O
Open-drain power-good output. Low impedance when not "power good," high impedance when
"power good." This pin can be left open or be tied to GND when not used in single device
operation.
In stacked operation, interconnect the PG pins of all stacked devices. Only the PG pin of the
primary converter in stacked operation is an open-drain output. For devices that are defined as
secondary converters in stacked mode, this pin is an input pin. See Section 7.3.17 for a detailed
description.
MODE/SYNC
11
I
The device runs in power save mode when this pin is pulled low. If the pin is pulled high, the
device runs in forced-PWM mode. Do not leave this pin unconnected. The mode pin can also be
used to synchronize the device to an external clock.
SDA
12
I/O
I2C serial data pin. Do not leave floating. Connect a pullup resistor to a logic high level.
Connect to GND for secondary devices in stacked operation and for device variants without I2C.
SCL
13
I
I2C serial clock pin. Do not leave this pin floating. Connect a pullup resistor to a logic high level.
Connect this pin to GND for secondary devices in stacked operation and for device variants
without I2C.
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com