Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 53 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 49Page - Texas Instruments TPS62870 Datasheet HTML 50Page - Texas Instruments TPS62870 Datasheet HTML 51Page - Texas Instruments TPS62870 Datasheet HTML 52Page - Texas Instruments TPS62870 Datasheet HTML 53Page - Texas Instruments TPS62870 Datasheet HTML 54Page - Texas Instruments TPS62870 Datasheet HTML 55Page - Texas Instruments TPS62870 Datasheet HTML 56Page - Texas Instruments TPS62870 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
9.2.3 Application Curves (continued)
All application curves are obtained with L = 110nH (Coilcraft XGL4020-111ME) and fsw = 2.25MHz, unless noted otherwise.
Figure 9-24. Current Limit (Hiccup)
9.3 Best Design Practices
TPS6287x
EN
VIN
2.7 V to 6 V
TPS6287x
EN
VIN
INCORRECT
CORRECT
2.7 V to 6 V
15 k
Ω
TPS6287x
EN
VIN
2.7 V to 6 V
TPS6287x
EN
VIN
INCORRECT
CORRECT
2.7 V to 6 V
15 k
ENABLE
ENABLE
9.4 Power Supply Recommendations
The TPS6287x family has no special requirements for the input power supply. The output current rating of the
input power supply must be rated according to the supply voltage and current requirements of the TPS6287x.
9.5 Layout
9.5.1 Layout Guidelines
Achieving the performance the TPS6287x devices are capable of requires proper PDN and PCB design. TI
therefore recommends the user perform a power integrity analysis on the design. There are a number of
commercially available power integrity software tools, and the user can use these tools to model the effects on
performance of the PCB layout and passive components.
In addition to the use of power integrity tools, TI recommends the following basic principles:
• Place the input capacitors close to the VIN and GND pins. Position the input capacitors in order of increasing
size, starting with the smallest capacitors closest to the VIN and GND pins. Use an identical layout for both
VIN-GND pin pairs of the package, to gain maximum benefit from the butterfly configuration.
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com