Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 22Page - Texas Instruments TPS62870 Datasheet HTML 23Page - Texas Instruments TPS62870 Datasheet HTML 24Page - Texas Instruments TPS62870 Datasheet HTML 25Page - Texas Instruments TPS62870 Datasheet HTML 26Page - Texas Instruments TPS62870 Datasheet HTML 27Page - Texas Instruments TPS62870 Datasheet HTML 28Page - Texas Instruments TPS62870 Datasheet HTML 29Page - Texas Instruments TPS62870 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
7.3.10 Output Discharge
The device has an output discharge function that makes sure of a defined ramp down of the output voltage when
the device is disabled and keeps the output voltage close to 0V while the device is off. The output discharge
function is enabled when DISCHEN = 1 in the CONTROL1 register. The output discharge function is enabled by
default.
If enabled, the device discharges the output under the following conditions:
• A low level is applied to the EN pin.
• SWEN = 0 in the CONTROL1 register.
• A thermal shutdown event occurs.
• A UVLO event occurs.
• An OVLO event occurs.
The output discharge function is not available until the user has enabled the device at least once after power up.
During power down, the device continues to discharge the output for as long as the internal supply voltage is
greater than approximately 1.8V.
7.3.11 Undervoltage Lockout (UVLO)
The device has an undervoltage lockout function that disables the device if the supply voltage is too low for
correct operation. The negative-going threshold of the UVLO function is 2.5V (typical). If the supply voltage
decreases below this value, the device stops switching and, if DISCHEN = 1 in the CONTROL1 register, turns
on the output discharge. In addition, the EN pin is pulled low, which disables all other devices in the stack. The
device automatically starts switching again and begins a new soft-start sequence when the supply voltage is
higher than 2.6V (typical).
7.3.12 Overvoltage Lockout (OVLO)
The device has an overvoltage lockout function that disables the DC/DC converter if the supply voltage is too
high for correct operation. The positive-going threshold of the OVLO function is 6.3V (typical). If the supply
voltage increases above this value, the device stops switching and, if DISCHEN = 1 in the CONTROL1 register,
turns on the output discharge.
The device automatically starts switching again – the device begins a new soft-start sequence – when the supply
voltage falls below 6.2V (typical).
7.3.13 Overcurrent Protection
7.3.13.1 Cycle-by-Cycle Current Limiting
If the peak inductor current increases above the high-side current limit threshold, the device turns off the
high-side switch and turns on the low-side switch to ramp down the inductor current. The device only turns on
the high-side switch again if the inductor current has decreased below the low-side current limit threshold.
Note that because of the propagation delay of the current limit comparator, the current limit threshold in practice
can be greater than the DC value specified in the Electrical Characteristics. The current limit in practice is given
by:
IL= ILIMH+ VIN− VOUTL ×tpd
(5)
where:
• IL is the inductor current.
• ILIMH is the high-side current limit threshold measured at DC.
• VIN is the input voltage.
• VOUT is the output voltage.
• L is the effective inductance at the peak current level.
• tpd is the propagation delay of the current limit comparator (typically 50ns).
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com