Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 35 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 31Page - Texas Instruments TPS62870 Datasheet HTML 32Page - Texas Instruments TPS62870 Datasheet HTML 33Page - Texas Instruments TPS62870 Datasheet HTML 34Page - Texas Instruments TPS62870 Datasheet HTML 35Page - Texas Instruments TPS62870 Datasheet HTML 36Page - Texas Instruments TPS62870 Datasheet HTML 37Page - Texas Instruments TPS62870 Datasheet HTML 38Page - Texas Instruments TPS62870 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
Table 7-10. I2C Interface Target Address Selection (continued)
VSEL PIN
I2C TARGET ADDRESS (1)
Short Circuit to GND
0x41
Short Circuit to VIN
0x42
47kΩ to VIN
0x43
(1)
Available I2C address. This parameter is Device number dependent. Refer to the device options table in Section 4
TI recommends that the I2C controller initiates a STOP condition on the I2C bus after the initial power up of SDA
and SCL pullup voltages to make sure of reset of the I2C engine.
7.5.2 Standard, Fast, Fast Mode Plus Protocol
The controller initiates a data transfer by generating a start condition. The start condition is when a high-to-low
transition occurs on the SDA line while SCL is high, as shown in Figure 7-16. All I2C-compatible devices must
recognize a start condition.
CLK
DATA
S
START
Condition
P
STOP
Condition
Figure 7-16. START and STOP Conditions
The controller then generates the SCL pulses, and transmits the 7-bit address and the read and write direction
bit R/W on the SDA line. During all transmissions, the controller makes sure that data is valid. A valid data
condition requires the SDA line to be stable during the entire high period of the clock pulse (see Figure 7-17). All
devices recognize the address sent by the controller and compare the address to the internal fixed addresses.
Only the target with a matching address generates an acknowledge (see Figure 7-18) by pulling the SDA line
low during the entire high period of the ninth SCL cycle. Upon detecting this acknowledge, the controller knows
that a communication link with a target has been established.
CLK
DATA
Data line stable;
data valid
Change of
data allowed
Figure 7-17. Bit Transfer on the Serial Interface
The controller generates further SCL cycles to either transmit data to the target (R/W bit 0) or receive data
from the target (R/W bit 1). In either case, the target must acknowledge the data sent by the controller. So
an acknowledge signal can either be generated by the controller or by the target, depending on which one is
the receiver. 9-bit valid data sequences consisting of 8-bit data and 1-bit acknowledge can continue as long as
necessary.
To signal the end of the data transfer, the controller generates a stop condition by pulling the SDA line from
low to high while the SCL line is high (see Figure 7-16). This stop condition releases the bus and stops the
communication link with the addressed target. All I2C-compatible devices must recognize the stop condition.
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com