Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 44 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 40Page - Texas Instruments TPS62870 Datasheet HTML 41Page - Texas Instruments TPS62870 Datasheet HTML 42Page - Texas Instruments TPS62870 Datasheet HTML 43Page - Texas Instruments TPS62870 Datasheet HTML 44Page - Texas Instruments TPS62870 Datasheet HTML 45Page - Texas Instruments TPS62870 Datasheet HTML 46Page - Texas Instruments TPS62870 Datasheet HTML 47Page - Texas Instruments TPS62870 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The following section discusses selection of the external components to complete the power supply design for
typical a application.
9.2 Typical Application
VIN
VIN
MODE/SYNC
CIN
20 k
EN
6.2 k
VSEL
SDA
SCL
VIO
I
2C
VIN
3.3 V
COUT
SW
110 nH ±20%
VOSNS
GOSNS
RZ
CC
COMP
PG
10 k
PG
3.3 V
FSEL
SYNC_OUT
GND
GND
Load
CC2
0.75 V
1 k
10 pF
Figure 9-1. Typical Application Schematic
9.2.1 Design Requirements
Table 9-1 lists the operating parameters for this application example.
Table 9-1. Design Parameters
SYMBOL
PARAMETER
VALUE
VIN
Input voltage
3.3V
VOUT
Output voltage
0.75V
TOLVOUT
Output voltage tolerance allowed by the application
±3.3%
TOLDC
Output voltage tolerance of the TPS6287x (DC accuracy)
±1%
ΔIOUT
Output current load step
±7.5A (from 3.8A to 11.3A)
tt
Load step transition time
1μs
fSW
Switching frequency
2.25MHz
L
Inductance
110nH
TOLIND
Inductor tolerance
±20%
gm
Error amplifier transconductance
1.5mS
τ
Internal timing parameter
12.5μs
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com