Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 52 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 48Page - Texas Instruments TPS62870 Datasheet HTML 49Page - Texas Instruments TPS62870 Datasheet HTML 50Page - Texas Instruments TPS62870 Datasheet HTML 51Page - Texas Instruments TPS62870 Datasheet HTML 52Page - Texas Instruments TPS62870 Datasheet HTML 53Page - Texas Instruments TPS62870 Datasheet HTML 54Page - Texas Instruments TPS62870 Datasheet HTML 55Page - Texas Instruments TPS62870 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
9.2.3 Application Curves (continued)
All application curves are obtained with L = 110nH (Coilcraft XGL4020-111ME) and fsw = 2.25MHz, unless noted otherwise.
IOUT = 75mA
Figure 9-18. PFM Operation
VOUT = 0.75V
IOUT = 11.5A
Figure 9-19. Spread Spectrum Operation
Load = 0.75Ω
FSEL = 2.25MHz
f(SYNC) = 2MHz
Figure 9-20. Synchronization to an External Clock
Load = 0.75Ω
Figure 9-21. Start-Up Using the EN Pin
Load = 7.5Ω
Figure 9-22. Shutdown Using the EN Pin (Discharge Enabled)
Load = 7.5Ω
Figure 9-23. Shutdown (Discharge disabled)
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
52
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com