Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 46 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 42Page - Texas Instruments TPS62870 Datasheet HTML 43Page - Texas Instruments TPS62870 Datasheet HTML 44Page - Texas Instruments TPS62870 Datasheet HTML 45Page - Texas Instruments TPS62870 Datasheet HTML 46Page - Texas Instruments TPS62870 Datasheet HTML 47Page - Texas Instruments TPS62870 Datasheet HTML 48Page - Texas Instruments TPS62870 Datasheet HTML 49Page - Texas Instruments TPS62870 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
operation. TI recommends low-ESR multilayer ceramic capacitors for best performance. In practice, the total
input capacitance is typically comprised of a combination of different capacitors, in which larger capacitors
provide the decoupling at lower frequencies and smaller capacitors provide the decoupling at higher frequencies.
The TPS6287x devices feature a butterfly layout with two pairs of VIN and GND pins on opposite sides of the
package. This allows the input capacitors to be placed symmetrically on the PCB so that the electromagnetic
fields generated cancel each other out, thereby reducing EMI.
The duty cycle of the converter is given by:
D= VOUTη×VIN
(9)
where
• VIN is the input voltage.
• VOUT is the output voltage.
• η is the efficiency.
D= 0.750.9×3.3=0.253
(10)
The value of input capacitance needed to meet the input voltage ripple requirements is given by:
CIN=D× 1−D ×IOUT
VINPP ×fsw
(11)
where
• D is the duty cycle.
• fsw is the switching frequency.
• L is the inductance.
• IOUT is the output current. Use the maximum value of 11.3A as given for ΔIOUT in Table 9-1
100mV is used as the input voltage ripple target.
CIN=0.253× 1−0.253 ×11.3
0.1×2.25×106 =9.5μF
(12)
The value of CIN calculated with Equation 11 is the effective capacitance after all derating, tolerance, and aging
effects have been considered. 5µF effective capacitance per input pin is required. TI recommends multilayer
ceramic capacitors with an X7R dielectric (or similar) for CIN, and these capacitors must be placed as close to
the VIN and GND pins as possible to minimize the loop area.
Table 9-3 lists a number of capacitors that are an excellent choice for this application. This list is not exhaustive
and other capacitors from other manufacturers can also be an excellent choice.
Table 9-3. List of Recommended Input Capacitors
CAPACITANCE
DIMENSIONS
VOLTAGE RATING
MANUFACTURER, PART NUMBER(1)
MM (INCH)
470nF ±10%
1005 (0402)
10V
Murata, GCM155C71A474KE36D
470nF ±10%
1005 (0402)
10V
TDK, CGA2B3X7S1A474K050BB
10μF ±10%
2012 (0805)
10V
Murata, GCM21BR71A106KE22L
10μF ±10%
2012 (0805)
10V
TDK, CGA4J3X7S1A106K125AB
22μF ±10%
3216 (1206)
10V
Murata, GCM31CR71A226KE02L
22μF ±20%
3216 (1206)
10V
TDK, CGA5L1X7S1A226M160AC
(1)
See Section 10.1.1.
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com