Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 62 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 58Page - Texas Instruments TPS62870 Datasheet HTML 59Page - Texas Instruments TPS62870 Datasheet HTML 60Page - Texas Instruments TPS62870 Datasheet HTML 61Page - Texas Instruments TPS62870 Datasheet HTML 62Page - Texas Instruments TPS62870 Datasheet HTML 63Page - Texas Instruments TPS62870 Datasheet HTML 64Page - Texas Instruments TPS62870 Datasheet HTML 65Page - Texas Instruments TPS62870 Datasheet HTML 66Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
9-Oct-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS62870Z0WRXSR
VQFN-FCRLF
RXS
16
3000
338.0
355.0
50.0
TPS62870Z4WRXSR
VQFN-FCRLF
RXS
16
3000
338.0
355.0
50.0
TPS62871Z0WRXSR
VQFN-FCRLF
RXS
16
3000
338.0
355.0
50.0
TPS62871Z2WRXSR
VQFN-FCRLF
RXS
16
3000
338.0
355.0
50.0
TPS62871Z4WRXSR
VQFN-FCRLF
RXS
16
3000
338.0
355.0
50.0
TPS62872Z0WRXSR
VQFN-FCRLF
RXS
16
3000
338.0
355.0
50.0
TPS62872Z2WRXSR
VQFN-FCRLF
RXS
16
3000
338.0
355.0
50.0
TPS62872Z4WRXSR
VQFN-FCRLF
RXS
16
3000
338.0
355.0
50.0
TPS62873Z0WRXSR
VQFN-FCRLF
RXS
16
3000
338.0
355.0
50.0
TPS62873Z1WRXSR
VQFN-FCRLF
RXS
16
3000
338.0
355.0
50.0
TPS62873Z2WRXSR
VQFN-FCRLF
RXS
16
3000
338.0
355.0
50.0
TPS62873Z4WRXSR
VQFN-FCRLF
RXS
16
3000
338.0
355.0
50.0
TPS62873Z5WRXSR
VQFN-FCRLF
RXS
16
3000
338.0
355.0
50.0
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com