Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 26Page - Texas Instruments TPS62870 Datasheet HTML 27Page - Texas Instruments TPS62870 Datasheet HTML 28Page - Texas Instruments TPS62870 Datasheet HTML 29Page - Texas Instruments TPS62870 Datasheet HTML 30Page - Texas Instruments TPS62870 Datasheet HTML 31Page - Texas Instruments TPS62870 Datasheet HTML 32Page - Texas Instruments TPS62870 Datasheet HTML 33Page - Texas Instruments TPS62870 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
The device clears the TSHUT bit if the user reads the STATUS register when the junction temperature is below
the TSHUT threshold of 150°C (typical).
In a stacked configuration, in which all devices share a common enable signal, a thermal shutdown condition
in one device disables the entire stack. When the hot device cools down, the whole stack automatically starts
switching again.
7.3.17 Stacked Operation
The user can connect multiple devices in parallel in what is known as a "stack"; for example, to increase output
current capability or reduce device junction temperature. A stack comprises one primary device and one or more
secondary devices. During initialization, each device monitors the SYNC_OUT pin to determine if must operate
as a primary device or a secondary device:
• If there is a 47kΩ resistor between the SYNC_OUT pin and ground, the device operates as a secondary
device.
• If the SYNC_OUT pin is high impedance, the device operates as a primary device.
Figure 7-15 shows the recommended interconnections in a stack of two TPS6287x devices.
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com