Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 16Page - Texas Instruments TPS62870 Datasheet HTML 17Page - Texas Instruments TPS62870 Datasheet HTML 18Page - Texas Instruments TPS62870 Datasheet HTML 19Page - Texas Instruments TPS62870 Datasheet HTML 20Page - Texas Instruments TPS62870 Datasheet HTML 21Page - Texas Instruments TPS62870 Datasheet HTML 22Page - Texas Instruments TPS62870 Datasheet HTML 23Page - Texas Instruments TPS62870 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
Because there is an internal open-drain transistor connected to the EN pin, do not drive this pin directly from a
low-impedance source. Instead, use a resistor to limit the current flowing into the EN pin (see Section 9).
When power is first applied to the VIN pin, the device pulls the EN pin low until the device has loaded the
default register settings from nonvolatile memory and read the state of the VSEL, FSEL, and SYNC_OUT pins.
The device also pulls EN low if a fault, such as thermal shutdown or overvoltage lockout, occurs. In stacked
configurations, all devices share a common enable signal, which means that the DC/DC converters in the stack
cannot start to switch until all devices in the stack have completed the initialization. Similarly, a fault in one or
more devices in the stack disables all converters in the stack (see Section 7.3.17).
In standalone (nonstacked) applications, the user can disable the active pulldown of the EN pin if the user sets
SINGLE = 1 in the CONTROL3 register. Fault conditions have no effect on the EN pin when SINGLE = 1 (the EN
pin is always pulled down during device initialization). In stacked applications, make sure that SINGLE = 0.
When the internal SYSTEM_READY signal is low (that is, initialization is complete and there are no fault
conditions), the internal open-drain transistor is high impedance and the EN pin functions like a standard input. A
high level on the EN pin enables the DC/DC converter in the device. A low level disables the DC/DC converter
(the I2C interface is enabled as soon as the device has completed the initialization and is not affected by the
state of the internal ENABLE or SYSTEM_READY signals).
A low level on the EN pin forces the device into shutdown. During shutdown, the MOSFETs in the power stage
are off, the internal control circuitry is disabled, and the device consumes only 20µA (typical).
The rising threshold voltage of the EN pin is 1.0V and the falling threshold voltage is 0.9V. The tolerance of the
threshold voltages is ±30mV, which means that the user can use the EN pin to implement precise turn-on and
turn-off behavior.
When power is applied to the VIN pin, the toggling of the EN pin does not reset the loaded default register
settings.
7.3.4 Start-Up
When the voltage on the VIN pin exceeds the positive-going UVLO threshold, the device initializes as follows:
• The device pulls the EN pin low.
• The device enables the internal reference voltage.
• The device reads the state of the VSEL, FSEL, and SYNC_OUT pins.
• The device loads the default values into the device registers.
When initialization is complete, the device enables I2C communication and releases the EN pin. The external
circuitry controlling the EN pin now determines the behavior of the device:
• If the EN pin is low, the device is disabled. The user can write to and read from the device registers, but the
DC/DC converter does not operate.
• If the EN pin is high, the device is enabled. The user can write to and read from the device registers and,
after a short delay, the DC/DC converter starts to ramp up the output.
Figure 7-7 shows the start-up sequence when the EN pin is pulled up to VIN.
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com