Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 17Page - Texas Instruments TPS62870 Datasheet HTML 18Page - Texas Instruments TPS62870 Datasheet HTML 19Page - Texas Instruments TPS62870 Datasheet HTML 20Page - Texas Instruments TPS62870 Datasheet HTML 21Page - Texas Instruments TPS62870 Datasheet HTML 22Page - Texas Instruments TPS62870 Datasheet HTML 23Page - Texas Instruments TPS62870 Datasheet HTML 24Page - Texas Instruments TPS62870 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Undefined
VIT+(UVLO)
VIN
EN
VOUT
ttd(EN)1t
ttd(RAMP)t
PG
EN pin pulled
low internally
Device initialization
complete
td(PG)
Figure 7-7. Start-Up Timing When EN is Pulled Up to VIN
Figure 7-8 shows the start-up sequence when an external signal is connected to the EN pin.
Undefined
VIT+(UVLO)
VIN
VIT+(EN)
EN
VOUT
ttd(EN)2t
ttd(RAMP)t
PG
Device initialization
complete
td(PG)
Figure 7-8. Start-Up Timing When an External Signal is Connected to the EN Pin
The SSTIME[1:0] bits in the CONTROL2 register select the duration of the soft-start ramp:
• td(RAMP) = 500μs
• td(RAMP) = 1ms (default)
• td(RAMP) = 2ms
• td(RAMP) = 4ms
The device ignores new values until the soft-start sequence is complete if the user programs the following when
the device soft-start sequence has already started:
• A new output voltage setpoint (VSET[7:0])
• An output voltage range (VRANGE[1:0])
• Soft-start time (SSTIME[1:0]) settings
If the user change the value of VSET[7:0] during soft start, the device first ramps to the value that VSET[7:0] had
when the soft-start sequence began. Then, when soft start is complete, the device ramps up or down to the new
value.
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com