Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 27 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 23Page - Texas Instruments TPS62870 Datasheet HTML 24Page - Texas Instruments TPS62870 Datasheet HTML 25Page - Texas Instruments TPS62870 Datasheet HTML 26Page - Texas Instruments TPS62870 Datasheet HTML 27Page - Texas Instruments TPS62870 Datasheet HTML 28Page - Texas Instruments TPS62870 Datasheet HTML 29Page - Texas Instruments TPS62870 Datasheet HTML 30Page - Texas Instruments TPS62870 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
7.3.13.2 Hiccup Mode
To enable hiccup operation, make sure that HICCUPEN = 1 in the CONTROL1 register.
If hiccup operation is enabled and the high-side switch current exceeds the current limit threshold on 32
consecutive switching cycles, the device:
• Stops switching for 128µs, after which the device automatically starts switching again (the device starts a new
soft-start sequence).
• Sets the HICCUP bit in the STATUS register.
• Pulls the PG pin low. The PG pin stays low until the overload condition goes away and the device can start up
correctly and regulate the output voltage. Note that power-good function has a deglitch circuit, which delays
the rising edge of the power-good signal by 40µs (typical).
Hiccup operation continues in a repeating sequence of 32 cycles in current limit, followed by a pause of 128µs,
followed by a soft-start attempt for as long as the output overload condition exists.
The device clears the HICCUP bit if the user reads the STATUS register when the overload condition has been
removed.
7.3.13.3 Current Limit Mode
To enable current limit mode, make sure that HICCUPEN = 0 in the CONTROL1 register.
When current limit operation is enabled, the device limits the high-side switch current cycle-by-cycle for as long
as the overload condition exists. If the device limits the high-side switch current for four or more consecutive
switching cycles, the device sets ILIM = 1 in the STATUS register.
The device clears the ILIM bit if the user reads the STATUS register when the overload condition no longer exits.
7.3.14 Power Good (PG)
The power-good (PG) pin is bidirectional and has two functions:
• In a standalone configuration and in the primary device of a stacked configuration, the PG pin is an open-
drain output that indicates the status of the converter or stack.
• In a secondary device of a stacked configuration, the PG pin is an input that indicates when the soft-start
sequence is complete and all converters in the stack can change from DCM switching to CCM switching.
VOUT
VT-(UVP)
VT+(UVP)
PG
UVP
VT-(OVP)
VT+(OVP)
OVP
td(PG)
td(PG)
td(PG)
td(PG)
td(PG)
td(PG)
Figure 7-12. PG Timing
7.3.14.1 Standalone or Primary Device Behavior
The primary purpose of the PG pin is to indicate if the output voltage is in regulation, but the PG pin also
indicates if the device is in thermal shutdown or disabled. Table 7-7 summarizes the behavior of the PG pin in a
standalone or primary device.
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com