Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62870 Datasheet HTML 1Page - Texas Instruments TPS62870 Datasheet HTML 2Page - Texas Instruments TPS62870 Datasheet HTML 3Page - Texas Instruments TPS62870 Datasheet HTML 4Page - Texas Instruments TPS62870 Datasheet HTML 5Page - Texas Instruments TPS62870 Datasheet HTML 6Page - Texas Instruments TPS62870 Datasheet HTML 7Page - Texas Instruments TPS62870 Datasheet HTML 8Page - Texas Instruments TPS62870 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
4 Device Options
DEVICE NUMBER
OUTPUT
CURRENT
START-UP VOLTAGE
AND I2C ADDRESS (1) (2)
(3)
VSEL SETTING
SPREAD
SPECTRUM
CLOCKING
SOFT-START TIME
TPS62873Z0WRXSR
15A
0.800V, 0x40
6.2kΩ to GND
Default setting = off Default setting = 1ms
0.750V, 0x41
Short to GND
0.875V, 0x42
Short to VIN
0.800V, 0x43
47kΩ to VIN
TPS62873Z1WRXSR
15A
0.600V, 0x40
6.2kΩ to GND
Default setting = off Default setting = 1ms
0.750V, 0x41
Short to GND
0.875V, 0x42
Short to VIN
0.900V, 0x43
47kΩ to VIN
TPS62873Z2WRXSR
15A
0.500V, 0x40
6.2kΩ to GND
Default setting = off Default setting = 1ms
0.750V, 0x41
Short to GND
0.875V, 0x42
Short to VIN
1.050V, 0x43
47kΩ to VIN
TPS62873Z4WRXSR
15A
0.850V, 0x40
6.2kΩ to GND
Default setting = off Default setting = 1ms
0.750V, 0x41
Short to GND
0.875V, 0x42
Short to VIN
1.000V, 0x43
47kΩ to VIN
TPS62873Z5WRXSR
15A
0.400V, 0x40
6.2kΩ to GND
Default setting = off Default setting = 1ms
0.750V, 0x41
Short to GND
0.875V, 0x42
Short to VIN
0.400V, 0x43
47kΩ to VIN
TPS62872Z0WRXSR
12A
0.800V, 0x40
6.2kΩ to GND
Default setting = off Default setting = 1ms
0.750V, 0x41
Short to GND
0.875V, 0x42
Short to VIN
0.800V, 0x43
47kΩ to VIN
TPS62872Z2WRXSR
12A
0.500V, 0x40
6.2kΩ to GND
Default setting = off Default setting = 1ms
0.750V, 0x41
Short to GND
0.875V, 0x42
Short to VIN
1.050V, 0x43
47kΩ to VIN
TPS62872Z4WRXSR
12A
0.850V, 0x40
6.2kΩ to GND
Default setting = off Default setting = 1ms
0.750V, 0x41
Short to GND
0.875V, 0x42
Short to VIN
1.000V, 0x43
47kΩ to VIN
TPS62871Z0WRXSR
9A
0.800V, 0x40
6.2kΩ to GND
Default setting = off Default setting = 1ms
0.750V, 0x41
Short to GND
0.875V, 0x42
Short to VIN
0.800V, 0x43
47kΩ to VIN
TPS62871Z2WRXSR
9A
0.500V, 0x40
6.2kΩ to GND
Default setting = off Default setting = 1ms
0.750V, 0x41
Short to GND
0.875V, 0x42
Short to VIN
1.050V, 0x43
47kΩ to VIN
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com