Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 34 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 30Page - Texas Instruments TPS62870 Datasheet HTML 31Page - Texas Instruments TPS62870 Datasheet HTML 32Page - Texas Instruments TPS62870 Datasheet HTML 33Page - Texas Instruments TPS62870 Datasheet HTML 34Page - Texas Instruments TPS62870 Datasheet HTML 35Page - Texas Instruments TPS62870 Datasheet HTML 36Page - Texas Instruments TPS62870 Datasheet HTML 37Page - Texas Instruments TPS62870 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
the supply voltage increases again. During initialization, the device reads the state of the FSEL, VSEL, and
SYNC_OUT pins.
After the device completes the initialization, the following functions are available in standby mode:
• I2C interface
• Output discharge
• Power good
The device leaves standby mode and enters UVLO mode when the supply voltage decreases below the UVLO
threshold. The device leaves standby mode and enters on mode when all of the following conditions are true:
• A high-level is applied to the EN pin.
• SWEN = 1 in the CONTROL1 register.
• The device junction temperature is below the thermal shutdown threshold.
• The supply voltage is below the OVLO threshold.
7.4.4 On
The device operates in on mode when the supply voltage is greater than the UVLO threshold and all of the
following conditions are true:
• A high-level is applied to the EN pin.
• SWEN = 1 in the CONTROL1 register.
• The device junction temperature is below the thermal shutdown threshold.
• The supply voltage is below the OVLO threshold.
All functions are available in on mode.
The device leaves on mode and enters UVLO mode when the supply voltage decreases below the UVLO
threshold. The device leaves on mode and enters standby mode when any of the following conditions is true:
• A low level is applied to the EN pin.
• SWEN = 0 in the CONTROL1 register.
• The device junction temperature is greater than the thermal shutdown threshold.
• The supply voltage is greater than the OVLO threshold.
7.5 Programming
7.5.1 Serial Interface Description
I2C is a 2-wire serial interface developed by Philips Semiconductor, now NXP Semiconductors (see I2C-Bus
Specification and User Manual, Revision 6, 4 April 2014). The bus consists of a data line (SDA) and a clock line
(SCL) with pullup structures. When the bus is idle, both SDA and SCL lines are pulled high. All I2C-compatible
devices connect to the I2C bus through open-drain I/O pins, SDA and SCL. A controller, usually a microcontroller
or a digital signal processor, controls the bus. The controller is responsible for generating the SCL signal and
device addresses. The controller also generates specific conditions that indicate the START and STOP of data
transfer. A target receives data, transmits data, or both on the bus under control of the controller.
The TPS6287x device operates as a target and supports the following data transfer modes, as defined in
the I2C-Bus Specification: standard mode (100Kbps), fast mode (400Kbps), and fast mode plus (1Mbps). The
interface adds flexibility to the power supply design, enabling most functions to be programmed to new values
depending on the instantaneous application requirements. Register contents remain intact as long as the input
voltage remains above 1.4V.
The data transfer protocol for standard and fast modes is exactly the same, therefore, the modes are referred to
as F/S-mode in this document. The device supports 7-bit addressing; general call addresses are not supported.
The state of the VSEL pin during power up defines the I2C target address of the device (see Table 7-10). Note
that the VSEL pin also sets the default start-up voltage of the device (see Table 7-4).
Table 7-10. I2C Interface Target Address Selection
VSEL PIN
I2C TARGET ADDRESS (1)
6.2kΩ to GND
0x40
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com