Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62870 Datasheet HTML 1Page - Texas Instruments TPS62870 Datasheet HTML 2Page - Texas Instruments TPS62870 Datasheet HTML 3Page - Texas Instruments TPS62870 Datasheet HTML 4Page - Texas Instruments TPS62870 Datasheet HTML 5Page - Texas Instruments TPS62870 Datasheet HTML 6Page - Texas Instruments TPS62870 Datasheet HTML 7Page - Texas Instruments TPS62870 Datasheet HTML 8Page - Texas Instruments TPS62870 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous
Step-Down Converters With I2C Interface and Remote Sense
1 Features
• Available as an integrated-inductor power module:
TPSM8287A06, TPSM8287A10, TPSM8287A12,
TPSM8287A15
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• 2.7V to 6V input voltage range
• 6A, 9A, 12A, 15A pin-to-pin device family
• Four output voltage ranges:
– 0.4V to 0.71875V in 1.25mV steps
– 0.4V to 1.0375V in 2.5mV steps
– 0.4V to 1.675V in 5mV steps
– 0.8V to 3.35V in 10mV steps
• Output voltage accuracy ±1%
• Differential remote sensing
• 7mΩ and 4.5mΩ internal power MOSFETs
• Adjustable external compensation
• Power-save or forced-PWM operation
• Optional synchronization to external clock or
spread-spectrum operation
• I2C-compatible interface up to 1MHz
• Stackable for increased output current capability
• Thermal warning and thermal shutdown
• Active output discharge
• Power-good output with a window comparator
• Available in 2.55mm × 3.55mm × 1mm VQFN
package with wettable flanks
• –40°C to 125°C junction temperature, TJ
2 Applications
• Optical networks, storage
• FPGA, ASIC, and digital core supply
• DDR memory supply
Device Information
PART NUMBER
CURRENT RATING(1)
PACKAGE(2)
TPS62870
6A
RXS (VQFN-
FCRLF, 16)
TPS62871
9A
TPS62872
12A
TPS62873
15A
(1)
For more information, see Section 12.
(2)
See the Device Options table.
VIN
VIN
MODE/SYNC
CIN
REN
EN
RFSEL
VSEL
SDA
SCL
VIO
I
2C
VIN
2.7 V to 6 V
COUT
SW
L
VOSNS
GOSNS
RZ
CC
COMP
RPG
VIO
RVSEL
FSEL
SYNC_OUT
GND
GND
Load
CC2
1k
10pF
PG
PG
TPS6287x Simplified Schematic
Output Current (A)
0
2
4
6
8
10
12
14 15
0
10
20
30
40
50
60
70
80
90
100
VIN = 3.3 V
VIN = 5 V
Efficiency vs Output Current
VOUT = 0.75V, FPWM, fSW = 2.25MHz
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS62870

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62870 TI-TPS62870 Datasheet
2Mb / 58P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
JANUARY 2022
TPS62870 TI1-TPS62870 Datasheet
1Mb / 59P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870 TI1-TPS62870 Datasheet
2Mb / 62P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870 TI1-TPS62870 Datasheet
2Mb / 61P
TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Stackable, Synchronous Step-Down Converters With Fast Transient Response
MAY 2024
TPS62870 TI-TPS62870 Datasheet
2Mb / 64P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
OCTOBER 2023
More results

Similar Description - TPS62870

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8616-6 MPS-MPQ8616-6 Datasheet
982Kb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
MP8847 MPS-MP8847 Datasheet
506Kb / 22P
6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
EV8843-G-00A MPS-EV8843-G-00A Datasheet
274Kb / 7P
6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
logo
Texas Instruments
TPS62870 TI-TPS62870 Datasheet
2Mb / 58P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
JANUARY 2022
TPS62870-Q1 TI1-TPS62870-Q1_V02 Datasheet
2Mb / 62P
TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870 TI1-TPS62870_V01 Datasheet
1Mb / 59P
TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com