Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 57 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 53Page - Texas Instruments TPS62870 Datasheet HTML 54Page - Texas Instruments TPS62870 Datasheet HTML 55Page - Texas Instruments TPS62870 Datasheet HTML 56Page - Texas Instruments TPS62870 Datasheet HTML 57Page - Texas Instruments TPS62870 Datasheet HTML 58Page - Texas Instruments TPS62870 Datasheet HTML 59Page - Texas Instruments TPS62870 Datasheet HTML 60Page - Texas Instruments TPS62870 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
14-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TPS62870Z0WRXSR
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
870Z0B
TPS62870Z0WRXSR.A
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
870Z0B
TPS62870Z4WRXSR
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
870Z4B
TPS62871Z0WRXSR
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
871Z0B
TPS62871Z0WRXSR.A
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
871Z0B
TPS62871Z2WRXSR
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
871Z2B
TPS62871Z2WRXSR.A
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
871Z2B
TPS62871Z4WRXSR
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
871Z4B
TPS62871Z4WRXSR.A
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
871Z4B
TPS62872Z0WRXSR
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
872Z0B
TPS62872Z0WRXSR.A
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
872Z0B
TPS62872Z2WRXSR
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
872Z2B
TPS62872Z2WRXSR.A
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
872Z2B
TPS62872Z4WRXSR
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
872Z4B
TPS62872Z4WRXSR.A
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
872Z4B
TPS62873Z0WRXSR
Active
Production
VQFN-FCRLF
(RXS) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
873Z0B
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com