Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 56 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 52Page - Texas Instruments TPS62870 Datasheet HTML 53Page - Texas Instruments TPS62870 Datasheet HTML 54Page - Texas Instruments TPS62870 Datasheet HTML 55Page - Texas Instruments TPS62870 Datasheet HTML 56Page - Texas Instruments TPS62870 Datasheet HTML 57Page - Texas Instruments TPS62870 Datasheet HTML 58Page - Texas Instruments TPS62870 Datasheet HTML 59Page - Texas Instruments TPS62870 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
• Added Equation 1 to clarify ton, changed Equation 2 into IOUT(CCM-DCM), and added Equation 3 for calculating
IOUT(PFM-DCM) ................................................................................................................................................... 17
• Changed VOUT[7:0] to VSET[7:0]....................................................................................................................20
• Changed CONTROL1 into CONTROL2........................................................................................................... 23
• Added TPS6287xZ5 to Table 7-5, and changed VOUT[7:0] to VSET[7:0]....................................................... 23
• Added description for EN pin during UVLO......................................................................................................26
• Added Figure 7-12 ...........................................................................................................................................27
• Updated Table 7-7 by correcting the Vin condition in the 3rd row and adding a sub-row to explain that PG
goes low when VOUT > VT+(OVP) or VOUT < VT-(UVP) and DVS inactive...................................................27
• Added a description about device setting the PBUV or PBOV bits in case of an undervoltage or overvoltage
event, and changed description about the behavior of the PG during DVS..................................................... 27
• Added comment to explain that the common power-good signal must to have a pullup to a logic high level.. 30
• Updated description on initialization time interval, and clarified that functions I2C, output discharge, and
power good are available after completion of the device initialization..............................................................33
• Deleted the alternative I2C addresses from Table 7-10 ...................................................................................34
• Updated Figure 7-20 and Figure 7-21 (renamed Target Address into Device Address, and correct the number
of bits for Device Address from 8 to 7)............................................................................................................. 36
• Changed td(EN) to td(EN)2 .................................................................................................................................. 37
• Added (from 3.8A to 11.3A) to ΔIOUT in Table 9-1 ........................................................................................... 44
• Added clarification on IOUT in Equation 11 .......................................................................................................45
• Updated Equation 20 to recalculate the BWinner by using 406μF as max Cout value, and updated Equation 23
based on recalculated BWinner .........................................................................................................................48
• Changed value of optional CC2 from 1pF to 10pF............................................................................................ 48
• Added comment that all curves are obtained with L = 110nH (Coilcraft XGL4020-111ME) and fsw = 2.25MHz,
unless noted otherwise.....................................................................................................................................49
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
56
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com