Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62870 Datasheet HTML 1Page - Texas Instruments TPS62870 Datasheet HTML 2Page - Texas Instruments TPS62870 Datasheet HTML 3Page - Texas Instruments TPS62870 Datasheet HTML 4Page - Texas Instruments TPS62870 Datasheet HTML 5Page - Texas Instruments TPS62870 Datasheet HTML 6Page - Texas Instruments TPS62870 Datasheet HTML 7Page - Texas Instruments TPS62870 Datasheet HTML 8Page - Texas Instruments TPS62870 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
3 Description
The TPS6287x is a family of pin-to-pin 6A, 9A, 12A, and 15A synchronous step-down DC/DC converters with
differential remote sensing. For each current rating, there are full-featured device variants with I2C interface
and limited-featured device variants without I2C interface. All devices offer high efficiency and ease of use.
Low-resistance power switches allow up to 15A continuous output current at high ambient temperatures.
The devices can operate in stacked mode to deliver higher output currents or to spread the power dissipation
across multiple devices.
The TPS6287x family implements a fixed-frequency DCS-Control scheme that supports fast transients. The
devices can operate in power save mode for maximum efficiency, or forced-PWM mode for the best transient
performance and lowest output voltage ripple.
The remote sensing feature allows voltage regulation at the point-of-load, hence the device achieves better than
±1% DC voltage accuracy under all operating conditions.
The switching frequency is resistor-selectable through the FSEL pin. The switching frequency can be set to
1.5MHz, 2.25MHz, 2.5MHz, or 3.0MHz, or synchronized to an external clock in the same frequency range.
The I2C-compatible interface offers several control, monitoring, and warning features, such as voltage monitoring
and temperature-related warnings. The output voltage can be quickly adjusted to adapt the power consumption
of the load to the performance needs of the application through the I2C-compatible interface. The default start-up
voltage is resistor-selectable through the VSEL pin.
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com