Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 47 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 43Page - Texas Instruments TPS62870 Datasheet HTML 44Page - Texas Instruments TPS62870 Datasheet HTML 45Page - Texas Instruments TPS62870 Datasheet HTML 46Page - Texas Instruments TPS62870 Datasheet HTML 47Page - Texas Instruments TPS62870 Datasheet HTML 48Page - Texas Instruments TPS62870 Datasheet HTML 49Page - Texas Instruments TPS62870 Datasheet HTML 50Page - Texas Instruments TPS62870 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
9.2.2.3 Selecting the Compensation Resistor
Use Equation 13 to calculate the recommended value of compensation resistor, RZ:
RZ= 1gm π× ∆IOUT+ILPP2 × LNɸ
4×τ×∆VOUT  – 1 1+ TOLIND2+TOLτ2
(13)
RZ= 11.5×10–3 π×7.5+2.3422 ×110×10–91
4×12.5×10–6×17.25×10–3 – 1 1+ 20%2+30%2 =2.244kΩ
(14)
Rounding up, the closest standard value from the E24 series is 2.4kΩ.
9.2.2.4 Selecting the Output Capacitors
In practice, the total output capacitance is typically comprised of a combination of different capacitors, in which
larger capacitors provide the load current at lower frequencies and smaller capacitors provide the load current
at higher frequencies. The value, type, and location of the output capacitors are critical for correct operation. TI
recommends low-ESR multilayer ceramic capacitors with an X7R dielectric (or similar) for best performance.
The TPS6287x devices feature a butterfly layout with two GND pins on opposite sides of the package. This
allows the output capacitors to be placed symmetrically on the PCB such that the electromagnetic fields
generated cancel each other out, thereby reducing EMI.
The transient response of the converter is limited by one of two criteria:
• The slew rate of the current through the inductor, in which case, the feedback loop of the converter saturates.
• The maximum allowed ratio of converter bandwidth to switching frequency, in which the converter remains
in regulation (that is, the loop does not saturate). TI recommends a minimum ratio of four for typical
applications.
Which of the above criteria applies in any given application depends on the operating conditions and component
values used. Therefore, TI recommends that the user calculate the output capacitance for both cases, and select
the higher of the two values.
If the converter remains in regulation, the minimum output required capacitance is given by:
COUTmin reg = τ× 1+gm×RZ
2×π× LNɸ×fSW4 1+ TOLτ2+TOLIND2+TOLfSW2
(15)
COUTmin reg = 12.5×10–6× 1+1.5×10–3×2.4×103
2×π×110×10–91×2.25×1064 1+ 30%2+20%2+10%2 =203.2μF (16)
If the converter loop saturates, the minimum output capacitance is given by:
COUTmin sat = 1∆VOUT LNɸ× ∆IOUT+ILPP2 2
2×VOUT  – ∆IOUT×tt2 1+TOLIND
(17)
COUTmin sat = 1
17.25×10–3 110×10
–91× 7.5+2.34222
2×0.75  – 7.5×1×10–6
2 1+20% =122.7μF (18)
In this case, choose COUT(min) = 203µF as the larger of the two values for the output capacitance.
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com