Electronic Components Datasheet Search
  English  ▼

X  

TPS62870 Datasheet(PDF) 39 Page - Texas Instruments

Part # TPS62870
Description  TPS6287x 2.7V to 6V Input, 6A, 9A, 12A, 15A, Fast Transient Stackable Synchronous Step-Down Converters With I2C Interface and Remote Sense
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62870 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS62870 Datasheet HTML 35Page - Texas Instruments TPS62870 Datasheet HTML 36Page - Texas Instruments TPS62870 Datasheet HTML 37Page - Texas Instruments TPS62870 Datasheet HTML 38Page - Texas Instruments TPS62870 Datasheet HTML 39Page - Texas Instruments TPS62870 Datasheet HTML 40Page - Texas Instruments TPS62870 Datasheet HTML 41Page - Texas Instruments TPS62870 Datasheet HTML 42Page - Texas Instruments TPS62870 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
8.1 VSET Register (Address = 0h) [Reset = X]
VSET is shown in Figure 8-1 and described in Table 8-3.
Return to the Summary Table.
This register controls the output voltage setpoint.
Figure 8-1. VSET Register
7
6
5
4
3
2
1
0
VSET
R/W-X
Table 8-3. VSET Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
VSET
R/W
X
Output voltage setpoint (see the range-setting bits in the CONTROL2
register.)
Range 1: Output voltage setpoint = 0.4V + VSET[7:0] × 1.25mV
Range 2: Output voltage setpoint = 0.4V + VSET[7:0] × 2.5mV
Range 3: Output voltage setpoint = 0.4V + VSET[7:0] × 5mV
Range 4: Output voltage setpoint = 0.8V + VSET[7:0] × 10mV
The state of the VSEL pin during power up determines the reset
value.
www.ti.com
TPS62870, TPS62871, TPS62872, TPS62873
SLVSGC5E – JANUARY 2023 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TPS62870 TPS62871 TPS62872 TPS62873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com