Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 30Page - Renesas Technology Corp SH7616 Datasheet HTML 31Page - Renesas Technology Corp SH7616 Datasheet HTML 32Page - Renesas Technology Corp SH7616 Datasheet HTML 33Page - Renesas Technology Corp SH7616 Datasheet HTML 34Page - Renesas Technology Corp SH7616 Datasheet HTML 35Page - Renesas Technology Corp SH7616 Datasheet HTML 36Page - Renesas Technology Corp SH7616 Datasheet HTML 37Page - Renesas Technology Corp SH7616 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 8 of 906
REJ09B0292-0200
Item
Specifications
Ethernet controller
(EtherC)
• MAC (Media Access Control) functions
 Data frame assembly/disassembly (IEEE802.3-compliant frames)
 CSMA/CD link management (collision avoidance, processing in case
of collision)
 CRC processing
 Supports full-duplex transmission/reception
 Transmitting and receiving short and long packets
• Compatible with MII (Media Independent Interface) standard
 Converts 8-bit stream data from MAC level to MII nibble stream (4 bits)
 Station management (STA) functions
 18 TTL-level signals
 Variable transfer rate: 10/100 Mbps
• Magic Packet™* (with WOL (Wake On LAN) output)
• CAM match signal input function
Serial communi-
cation interface
with FIFO (SCIF),
2 channels
• Asynchronous mode
 Data length: 7 or 8 bits
 Stop bit length: 1 or 2
 Parity: Even, odd, or none
 Receive error detection: Parity errors, framing errors, overrun errors
 Break detection
• Synchronous mode
 One serial communication format (8-bit data length)
 Receive error detection: Overrun errors
• IrDA mode (conforming to IrDA 1.0)
• Simultaneous transmission/reception (full-duplex) capability
 Half-duplex communication used for IrDA communication
• Built-in dedicated baud rate generator allows selection of bit rate
• Built-in 16-stage transmit and receive FIFOs enable high-speed,
continuous communication
• Internal or external (SCK) transmit/receive clock source
Note: * Magic Packet is a registered trademark of Advanced Micro Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com