Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 91Page - Renesas Technology Corp SH7616 Datasheet HTML 92Page - Renesas Technology Corp SH7616 Datasheet HTML 93Page - Renesas Technology Corp SH7616 Datasheet HTML 94Page - Renesas Technology Corp SH7616 Datasheet HTML 95Page - Renesas Technology Corp SH7616 Datasheet HTML 96Page - Renesas Technology Corp SH7616 Datasheet HTML 97Page - Renesas Technology Corp SH7616 Datasheet HTML 98Page - Renesas Technology Corp SH7616 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 69 of 906
REJ09B0292-0200
Parallel Processing Instructions: The parallel processing instructions allow for more efficient
execution of digital signal processing using the DSP unit. They are 32 bit length, allowing
simultaneously in parallel four processes, ALU operations, multiplications or 2 data transfers.
The parallel processing instructions are divided into A fields and B fields. The A field defines data
transfer instructions; the B field defines ALU operation instructions and multiplication
instructions. These instructions can be defined independently, the processes can be independent,
and furthermore, they can be executed simultaneously in parallel. Table 2.17 indicates the A field
parallel data transfer instructions, and table 2.18 indicates the B field ALU operation instructions
and multiplication instructions. A fields instruction is the same as double data transfers in table
2.15.
Table 2.17 A Field Parallel Data Transfer Instructions
Category
Mnemonic
31
3029
2827
262524
23
X memory
NOPX
11
11
10
0
0
data
transfers
MOVX.W
@Ax,Dx
MOVX.W
@Ax+,Dx
MOVX.W
@Ax+Ix,Dx
Ax
Dx
MOVX.W
Da,@Ax
MOVX.W
Da,@Ax+
MOVX.W
Da,@Ax+Ix
Da
Y memory
NOPY
0
data
transfers
MOVY.W
@Ay,Dy
MOVY.W
@Ay+,Dy
MOVY.W
@Ay+Iy,Dy
Ay
MOVY.W
Da,@Ay
MOVY.W
Da,@Ay+
MOVY.W
Da,@Ay+Iy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com