Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 57Page - Renesas Technology Corp SH7616 Datasheet HTML 58Page - Renesas Technology Corp SH7616 Datasheet HTML 59Page - Renesas Technology Corp SH7616 Datasheet HTML 60Page - Renesas Technology Corp SH7616 Datasheet HTML 61Page - Renesas Technology Corp SH7616 Datasheet HTML 62Page - Renesas Technology Corp SH7616 Datasheet HTML 63Page - Renesas Technology Corp SH7616 Datasheet HTML 64Page - Renesas Technology Corp SH7616 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 35 of 906
REJ09B0292-0200
Table 2.1
SR Register Bits
Bit
Name (Abbreviation)
Function
27–16
Repeat counter (RC)
Designate the repeat count (2–4095) for repeat (loop)
control
11
Y pointer usage modulo
addressing designation
(DMY)
1: modulo addressing mode becomes valid for Y
memory address pointer, Ay (R6, R7)
10
X pointer usage modulo
addressing designation
(DMX)
1: modulo addressing mode becomes valid for X
memory address pointer, Ax (R4, R5)
9
M bit
Used by the DIV0S/U, DIV1 instructions
8
Q bit
Used by the DIV0S/U, DIV1 instructions
7–4
Interrupt request mask
(I3–I0)
Indicate the receive level of an interrupt request (0 to
15)
3–2
Repeat flags (RF1, RF0) Used in zero overhead repeat (loop) control. Set as
below for an SETRC instruction
For 1 step repeat 00 RE—RS=–4
For 2 step repeat 01 RE—RS=–2
For 3 step repeat 11 RE—RS=0
For 4 steps or more 10 RE—RS>0
1
Saturation arithmetic bit
(S)
Used with MAC instructions and DSP instructions
1: Designates saturation arithmetic (prevents
overflows)
0
T bit
For MOVT, CMP/cond, TAS, TST, BT, BT/S, BF,
BF/S, SETT, CLRT and DT instructions,
0: represents false
1: represents true
For ADDV/ADDC, SUBV/SUBC, DIV0U/DIV0S, DIV1,
NEGC, SHAR/SHAL, SHLR/SHLL, ROTR/ROTL and
ROTCR/ROTCL instructions,
1: represents occurrence of carry, borrow, overflow or
underflow
31–28
15–12
0 bit
0: 0 is always read out; write a 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com