Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 4Page - Renesas Technology Corp SH7616 Datasheet HTML 5Page - Renesas Technology Corp SH7616 Datasheet HTML 6Page - Renesas Technology Corp SH7616 Datasheet HTML 7Page - Renesas Technology Corp SH7616 Datasheet HTML 8Page - Renesas Technology Corp SH7616 Datasheet HTML 9Page - Renesas Technology Corp SH7616 Datasheet HTML 10Page - Renesas Technology Corp SH7616 Datasheet HTML 11Page - Renesas Technology Corp SH7616 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 935 page
background image
Rev. 2.00 Mar 09, 2006 page viii of xxvi
Item
Page Revision (See Manual for Details)
Description amended
Bit 27—Receive Frame Error (RFE): Indicates that one or other bit of
the receive frame status indicated by bits 26 to 0 is set. Whether or
not the multicast address frame receive information which is part of
the frame status, is copied into this bit is specified by the
transmit/receive status copy enable register.
Bit 27: RFE
Description
0
No error during reception
(Initial value)
1
An error of some kind occurred during reception (see bits
26 to 0)
10.3.1 Descriptor
List and Data Buffers
Receive Descriptor 0
(TD0)
453
• Bits 26 to 0—Receive Frame Status 26 to 0 (RFS26 to RFS0):
These bits indicate the error status during frame reception.
• RFS26 to RFS10—Reserved
• RFS9—Receive FIFO Overflow (corresponds to RFOF bit in
EESR)
• RFS8—Reserve Abort Detect
Note:
This bit is set to 1 when any of Receive Frame Status
bit 9, bit 7, bits 4 to 0 is set. When this bit is set, the
Receive Frame Error bit (bit 27: RFE) is set to 1.
• RFS7— Receive Multicast Address Frame (corresponds to
RMAF bit in EESR)
• RFS6—Reserved*
1
• RSF5— Receive Frame Discard Request Assertion
(corresponds to RFAR bit in EESR)*
1
• RFS4—Receive Residual-Bit Frame (corresponds to RRF bit in
EESR)
• RFS3—Receive Too-Long Frame (corresponds to RTLF bit in
EESR)
• RFS2—Receive Too-Short Frame (corresponds to RTSF bit in
EESR)
• RFS1—PHY-LSI Receive Error (corresponds to PRE bit in
EESR)
• RFS0—CRC Error on Received Frame (corresponds to CERF bit
in EESR)
Note: 1. Only HD6417616 is effective. HD6417615 is Reserved
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com