Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 61Page - Renesas Technology Corp SH7616 Datasheet HTML 62Page - Renesas Technology Corp SH7616 Datasheet HTML 63Page - Renesas Technology Corp SH7616 Datasheet HTML 64Page - Renesas Technology Corp SH7616 Datasheet HTML 65Page - Renesas Technology Corp SH7616 Datasheet HTML 66Page - Renesas Technology Corp SH7616 Datasheet HTML 67Page - Renesas Technology Corp SH7616 Datasheet HTML 68Page - Renesas Technology Corp SH7616 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 39 of 906
REJ09B0292-0200
Table 2.2
DSR Register Bits
Bit
Name (Abbreviation)
Function
31–8
Reserved bits
0: Always read out; always use 0 as a write value
7
Signed greater than bit
(GT)
Indicates that the operation result is positive
(excepting 0), or that operand 1 is greater than
operand 2
1: Operation result is positive, or operand 1 is greater
6
Zero bit (Z)
Indicates that the operation result is zero (0), or that
operand 1 is equal to operand 2
1: Operation result is zero (0), or equivalence
5
Negative bit (N)
Indicates that the operation result is negative, or that
operand 1 is smaller than operand 2
1: Operation result is negative, or operand 1 is
smaller
4
Overflow bit (V)
Indicates that the operation result has overflowed
1: Operation result has overflowed
3–1
Status selection bits (CS) Designate the mode for selecting the operation result
status set in the DC bit
Do not set either 110 or 111
000: Carry/borrow mode
001: Negative value mode
010: Zero mode
011: Overflow mode
100: Signed greater mode
101: Signed above mode
0
DSP status bit (DC)
Sets the status of the operation result in the mode
designated by the CS bits
0: Designated mode status not realized (unrealized)
1: Designated mode status realized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com