Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 62Page - Renesas Technology Corp SH7616 Datasheet HTML 63Page - Renesas Technology Corp SH7616 Datasheet HTML 64Page - Renesas Technology Corp SH7616 Datasheet HTML 65Page - Renesas Technology Corp SH7616 Datasheet HTML 66Page - Renesas Technology Corp SH7616 Datasheet HTML 67Page - Renesas Technology Corp SH7616 Datasheet HTML 68Page - Renesas Technology Corp SH7616 Datasheet HTML 69Page - Renesas Technology Corp SH7616 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 40 of 906
REJ09B0292-0200
2.1.5
Notes on Guard Bits and Overflow Treatment
DSP unit data operations are fundamentally performed as 32-bit, but these operations are always
executed with a 40-bit length including the 8-bit guard section. When the guard bit section does
not match the value of the 32-bit section MSB, the operation result is treated as an overflow. In
this case, the N bit indicates the correct status of the operation result regardless of the existence or
not of an overflow. This is so even if the destination operand is a 32-bit length register. The 8-bit
section guard bits are always presupposed and each status flag is updated.
When place overflows occur so that the correct result cannot be displayed even when the guard
bits are used, the N flag cannot indicate the correct status.
2.1.6
Initial Values of Registers
Table 2.3 lists the values of the registers after reset.
Table 2.3
Initial Values of Registers
Classification
Register
Initial Value
General registers
R0–R14
Undefined
R15 (SP)
Value of the SP in the vector address table
Control registers
SR
Bits I3–I0 are 1111 (H'F), the reserved bits, RC, DMY,
and DMX are 0, and other bits are undefined
RS
RE
Undefined
GBR
Undefined
VBR
H'00000000
MOD
Undefined
System registers
MACH, MACL, PR
Undefined
PC
Value of the PC in the vector address table
DSP registers
A0, A0G, A1, A1G, M0,
M1, X0, X1, Y0, Y1
Undefined
DSR
H'00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com