Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 38Page - Renesas Technology Corp SH7616 Datasheet HTML 39Page - Renesas Technology Corp SH7616 Datasheet HTML 40Page - Renesas Technology Corp SH7616 Datasheet HTML 41Page - Renesas Technology Corp SH7616 Datasheet HTML 42Page - Renesas Technology Corp SH7616 Datasheet HTML 43Page - Renesas Technology Corp SH7616 Datasheet HTML 44Page - Renesas Technology Corp SH7616 Datasheet HTML 45Page - Renesas Technology Corp SH7616 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 16 of 906
REJ09B0292-0200
Type
Symbol
I/O
Name
Function
System
control
RES
Input
Reset
When
RES = 0 and NMI = 1, the chip
enters the power-on reset state. When
RES = 0 and NMI = 0, the chip enters the
manual reset state
WDTOVF
Output
Watchdog
timer overflow
Counter overflow signal output in
watchdog timer mode
BGR
Output
Bus grant
Indicates that the bus has been released
to an external device. The device that
output the
BRLS signal recognizes that
the bus has been acquired when it
receives the
BGR signal
BRLS
Input
Bus release
Driven low when an external device
requests release of the bus
Operating
mode
MD0–MD4
Input
Mode setting
The operating mode is specified by the
levels at these pins
Interrupts
NMI
Input
Nonmaskable
interrupt
Inputs the nonmaskable interrupt request
signal
IRL3–IRL0
Input
External
interrupt
request input
0 to 3
These pins input maskable interrupt
request signals
IVECF
Output
Interrupt
vector fetch
cycle
Indicates an external vector read cycle
Bus control
BS
Output
Bus cycle
start
Signal indicating the start of a bus cycle
Asserted every data cycle in burst
transfer
CS4–CS0
Output
Chip select
0 to 4
Chip select signals indicating the area
being accessed
WAIT
Input
Wait
Wait state request signal
RD
Output
Read
Strobe signal indicating a read cycle
RAS
Output
Row address
strobe
DRAM/synchronous DRAM RAS signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com