Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 74Page - Renesas Technology Corp SH7616 Datasheet HTML 75Page - Renesas Technology Corp SH7616 Datasheet HTML 76Page - Renesas Technology Corp SH7616 Datasheet HTML 77Page - Renesas Technology Corp SH7616 Datasheet HTML 78Page - Renesas Technology Corp SH7616 Datasheet HTML 79Page - Renesas Technology Corp SH7616 Datasheet HTML 80Page - Renesas Technology Corp SH7616 Datasheet HTML 81Page - Renesas Technology Corp SH7616 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 52 of 906
REJ09B0292-0200
2.4
Instruction Formats
2.4.1
CPU Instruction Addressing Modes
The addressing modes and effective address calculation for instructions executed by the CPU core
are listed in table 2.12.
Table 2.12 CPU Instruction Addressing Modes and Effective Addresses
Addressing
Mode
Instruction
Format
Effective Addresses Calculation
Equation
Direct register
addressing
Rn
The effective address is register Rn
(The operand is the contents of register Rn)
—
Indirect register
addressing
@Rn
The effective address is the content of register
Rn
Rn
Rn
Rn
Post-increment
indirect register
addressing
@Rn+
The effective address is the content of register
Rn. A constant is added to the content of Rn after
the instruction is executed. 1 is added for a byte
operation, 2 for a word operation, and 4 for a
longword operation
Rn
Rn
1/2/4
+
Rn + 1/2/4
Rn
(After the
instruction
executes)
Byte: Rn + 1
→ Rn
Word: Rn + 2
→ Rn
Longword: Rn + 4
→ Rn
Pre-decrement
indirect register
addressing
@–Rn
The effective address is the value obtained by
subtracting a constant from Rn. 1 is subtracted
for a byte operation, 2 for a word operation, and
4 for a longword operation
Rn
1/2/4
Rn – 1/2/4
–
Rn – 1/2/4
Byte: Rn – 1
→ Rn
Word: Rn – 2
→
Rn
Longword: Rn – 4
→ Rn (Instruction
executed with Rn
after calculation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com