Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 40Page - Renesas Technology Corp SH7616 Datasheet HTML 41Page - Renesas Technology Corp SH7616 Datasheet HTML 42Page - Renesas Technology Corp SH7616 Datasheet HTML 43Page - Renesas Technology Corp SH7616 Datasheet HTML 44Page - Renesas Technology Corp SH7616 Datasheet HTML 45Page - Renesas Technology Corp SH7616 Datasheet HTML 46Page - Renesas Technology Corp SH7616 Datasheet HTML 47Page - Renesas Technology Corp SH7616 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 18 of 906
REJ09B0292-0200
Type
Symbol
I/O
Name
Function
Bus control
A24–A0
Output
Address bus
Address output
D31–D0
I/O
Data bus
Data input/output
H-UDI
TCK
Input
Test clock
Test clock input
TMS
Input
Test mode
select
Test mode select input signal
TDI
Input
Test data input
Serial data input
TDO
Output
Test data output Serial data output
TRST
Input
Test reset
Test reset input signal
ASEMODE* Input
ASE mode input ASE mode/user mode select signal
Ethernet
controller
TX-CLK
Input
Transmitter
clock
TX-EN, ETXD0–3, TX-ER timing
reference signal
(EtherC)
RX-CLK
Input
Receive clock
RX-DV, ERXD0–3, RX-ER timing
reference signal
TX-EN
Output
Transmit enable
Signal indicating that transmit data on
ETXD0–3 is ready
ETXD0–3
Output
Transmit data
0–3
4-bit receive data
TX-ER
Output
Transmit error
Signal sending error status to another
port
RX-DV
Input
Receive data
enable
Indicates that enable receive data on
ERXD0–3 exist
ERXD0–3
Input
Receive data
0–3
4-bit receive data
RX-ER
Input
Receive error
Reports error state that occurred during
transfer of frame data
CRS
Input
Carrier sense
Carrier detection notification signal
COL
Input
Collision
Collision detection signal
MDC
Output
Management
data clock
Reference clock signal for information
transfer by MDIO
MDIO
I/O
Management
data input/output
Bidirectional signal for exchanging
management information between STA
and PHY
Note: * When carrying out debugging using the E10A emulator, this pin is used for mode switching.
It should be connected to VSS when using the E10A emulator and connected to VCC when
using a normal user system. When a boundary scan test is performed with the H-UDI, user
mode must be used. A boundary scan test cannot be performed in ASE mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com