Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 48Page - Renesas Technology Corp SH7616 Datasheet HTML 49Page - Renesas Technology Corp SH7616 Datasheet HTML 50Page - Renesas Technology Corp SH7616 Datasheet HTML 51Page - Renesas Technology Corp SH7616 Datasheet HTML 52Page - Renesas Technology Corp SH7616 Datasheet HTML 53Page - Renesas Technology Corp SH7616 Datasheet HTML 54Page - Renesas Technology Corp SH7616 Datasheet HTML 55Page - Renesas Technology Corp SH7616 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 26 of 906
REJ09B0292-0200
No.
Function 1
[00]*
Function 2
[01]*
Function 3
[10]*
Function 4
[11]*
Type
151
PB15
SCK1
Port B
152
PB14
RXD1
SCIF, SIO, TPU
153
PB13
TXD1
154
PB12
SRCK2
RTS
STATS1
5 V I/O compatibility
156
PB11
SRS2
CTS
STATS0
158
PB10
SRXD2
TIOCA1
159
PB9
STCK2
TIOCB1/TCLKC
160
PB8
STS2
TIOCA2
161
PB7
STXD2
TIOCB2/TCLKD
162
PB6
SRCK1
SCK2
163
PB5
SRS1
RXD2
164
PB4
SRXD1
TXD2
165
PB3
STCK1
TIOCA0
166
PB2
STS1
TIOCB0
168
PB1
STXD1
TIOCC0/TCLKA
170
PB0
TIOCD0/TCLKB WOL
16 pins
171
PA13
SRCK0
Port A
172
PA12
SRS0
SIOF, FRT, WDT,
173
PA11
SRXD0
EtherC
174
PA10
STCK0
5 V I/O compatibility
175
PA9
STS0
176
PA8
STXD0
177
WDTOVF
PA7
178
PA6
FTCI
180
PA5
FTI
182
PA4
FTOA
183
CKPO
FTOB
184
PA2
LNKSTA
185
PA1
EXOUT
186
PA0
CAMSEN
14 pins
Note: * Figures in square brackets indicate the settings of the mode bits (MD0, MD1) in the PFC in
order to select the multiplex functions in port A [0:13] and port B [0:15].
WDTOVF: In a reset, this pin becomes an output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com