Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 43Page - Renesas Technology Corp SH7616 Datasheet HTML 44Page - Renesas Technology Corp SH7616 Datasheet HTML 45Page - Renesas Technology Corp SH7616 Datasheet HTML 46Page - Renesas Technology Corp SH7616 Datasheet HTML 47Page - Renesas Technology Corp SH7616 Datasheet HTML 48Page - Renesas Technology Corp SH7616 Datasheet HTML 49Page - Renesas Technology Corp SH7616 Datasheet HTML 50Page - Renesas Technology Corp SH7616 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 21 of 906
REJ09B0292-0200
Type
Symbol
I/O
Name
Function
I/O ports
PA0–PA13* I/O
General port
General input/output port pins
Input or output can be specified bit by bit
PB0–PB15
I/O
General port
General input/output port pins
Input or output can be specified bit by bit
Note: * PA3 cannot be used; CKPO is valid instead.
1.3.3
Pin Multiplexing
Table 1.3
Pin Multiplexing
No.
Function 1
Function 2
Function 3
Function 4
Type
12
PLLVCC
Clocks
9
PLLVSS
11
PLLCAP1
10
PLLCAP2
19
EXTAL
21
XTAL
23
CKIO
24
CKPREQ/CKM
25
CKPACK
9 pins
8
RES
System control
13
MD4
14
MD3
15
MD2
16
MD1
17
MD0
6 pins
5
NMI
Interrupts
1
IRL3
2
IRL2
3
IRL1
4
IRL0
27
IVECF
6 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com