Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 66Page - Renesas Technology Corp SH7616 Datasheet HTML 67Page - Renesas Technology Corp SH7616 Datasheet HTML 68Page - Renesas Technology Corp SH7616 Datasheet HTML 69Page - Renesas Technology Corp SH7616 Datasheet HTML 70Page - Renesas Technology Corp SH7616 Datasheet HTML 71Page - Renesas Technology Corp SH7616 Datasheet HTML 72Page - Renesas Technology Corp SH7616 Datasheet HTML 73Page - Renesas Technology Corp SH7616 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 44 of 906
REJ09B0292-0200
2.2.5
DSP Type Instructions and Data Formats
The DSP data format and valid data length are determined by DSP type instructions and DSP
registers. There are three types of instructions that access DSP data registers, DSP data processing,
X, Y data transfer processing, and single data transfer processing instructions.
DSP Data Processing: The guard bits (bits 39–32) are valid when the A0 and A1 registers are
used as source registers in DSP fixed-point data processing. When any registers other than A0, A1
(e.i., M0, M1, X0, X1, Y0, Y1 registers) are used as source registers, the sign-extended part of that
register data becomes the bits 39 to 32 data. When the A0 and A1 registers are used as destination
registers, the guard bits (bits 39–32) are valid. When any registers other than A0, A1 are used as
destination registers, bits 39 to 32 of the result data are disregarded.
Processing for DSP integer data is the same as the DSP fixed-point data processing. However, the
lower word (the lower 16 bits, bits 15–0) of the source register is disregarded. The lower word of
the destination register is cleared to 0.
In DSP logical data processing, the upper word (the upper 16 bits, bits 31–16) of the source
register is valid. The lower word and the guard bits of the A0, A1 registers are disregarded. The
upper word of the destination register is valid. The lower word and the guard bits of the A0, A1
registers are cleared to 0.
X, Y Data Transfers: The MOVX.W and MOVY.W instructions access X, Y memory via the
16-bit X, Y data buses. The data loaded into registers and data stored from registers is always the
upper word (the upper 16 bits, bits 31–16).
When loading, the MOVX.W instruction loads X memory, with the X0 and X1 registers as the
destination registers. The MOVY.W instruction loads Y memory, with the Y0 and Y1 registers as
the destination registers. Data is stored in the upper word of the register; the lower word is cleared
to 0.
The upper word data of the A0, A1 registers can be stored in X or Y memory with these data
transfer instructions, but storing is not possible from any other registers. The guard bits and the
lower word of the A0, A1 registers are disregarded.
Single Data Transfers: The MOVS.W and MOVS.L instructions can access any memory via the
data bus (CDB). All DSP registers are connected to the CDB bus, and they can become source or
destination registers during data transfers. The two data transfer modes are word and longword.
In word mode, data is loaded to and stored in the upper word of the DSP register, with the
exception of the A0G, A1G registers. In longword mode, data is loaded to and stored in the 32 bits
of the DSP register, with the exception of the A0G, A1G registers. The A0G, A1G registers can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com