Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 58Page - Renesas Technology Corp SH7616 Datasheet HTML 59Page - Renesas Technology Corp SH7616 Datasheet HTML 60Page - Renesas Technology Corp SH7616 Datasheet HTML 61Page - Renesas Technology Corp SH7616 Datasheet HTML 62Page - Renesas Technology Corp SH7616 Datasheet HTML 63Page - Renesas Technology Corp SH7616 Datasheet HTML 64Page - Renesas Technology Corp SH7616 Datasheet HTML 65Page - Renesas Technology Corp SH7616 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 36 of 906
REJ09B0292-0200
There are dedicated load/store instructions for accessing the RS, RE and MOD registers. For
example, the RS register is accessed as follows.
LDC
Rm,RS;
Rm
→RS
LDC.L
@Rm+,RS;
(Rm)
→RS,Rm+4→Rm
STC
RS,Rn;
RS
→Rn
STC.L
RS,@-Rn;
Rn-4
→Rn,RS→(Rn)
The following instructions set addresses in the RS, RE registers for zero overhead repeat control:
LDRS
@(disp,PC);
disp
×2 + PC→RS
LDRE
@(disp,PC);
disp
×2 + PC→RE
The GBR register and VBR register are the same as the previous SuperH microprocessor registers.
An RC counter and four control bits (DMX bit, DMY bit, RF1 bit, RF0 bit) have been added to
the SR register. The RS, RE and MOD registers are new registers.
2.1.3
System Registers
System registers consist of four 32-bit registers: high and low multiply and accumulate registers
(MACH and MACL), the procedure register (PR), and the program counter (PC). The MACH and
MACL store the results of multiplication or multiply and accumulate operations*. The PR stores
the return address from the subroutine procedure. The PC indicates the address of the program in
execution; it controls the flow of the processing. The PC indicates the fourth byte after the
instruction currently being executed. These registers are the same as those in the SuperH
microprocessor.
Note: These are used only when executing an instruction that was supported by SH-1 and SH-2.
They are not used for newly added multiplication instructions (PMULS).
MACL
PR
PC
MACH
31
0
0
0
31
31
Multiply and accumulate
register high (MACH)
Multiply and accumulate
register low (MACL)
Procedure register (PR)
Program counter (PC)
Figure 2.3 System Register Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com