Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 83Page - Renesas Technology Corp SH7616 Datasheet HTML 84Page - Renesas Technology Corp SH7616 Datasheet HTML 85Page - Renesas Technology Corp SH7616 Datasheet HTML 86Page - Renesas Technology Corp SH7616 Datasheet HTML 87Page - Renesas Technology Corp SH7616 Datasheet HTML 88Page - Renesas Technology Corp SH7616 Datasheet HTML 89Page - Renesas Technology Corp SH7616 Datasheet HTML 90Page - Renesas Technology Corp SH7616 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 61 of 906
REJ09B0292-0200
DSP Addressing Operation: The DSP addressing operation in the item stage (EX) of the
pipeline, including modulo addressing, is indicated below.
if ( Operation is MOVX.W MOVY.W ) {
ABx=Ax; ABy=Ay;
/* memory access cycle uses ABx and ABy. The addresses to be used
have not been updated */
/* Ax is one of R4,5 */
if ( DMX==0 || DMX==1 && DMY==1 )} Ax=Ax+(+2 or R8[Ix} or +0);
/* Inc,Index,Not-Update */
else if (!not-update) Ax=modulo( Ax, (+2 or R8[Ix]) );
/* Ay is one of R6,7 */
if ( DMY==0 ) Ay=Ay+(+2 or R9[Iy] or +0; /* Inc,Index,Not-Update */
else if (! not-update) Ay=modulo( Ay, (+2 or R9[Iy]) );
}
else if ( Operation is MOVS.W or MOVS.L ) {
if ( Addressing is Nop, Inc, Add-index-reg ) {
MAB=As;
/* memory access cycle uses MAB. The address to be used has not
been updated */
/* As is one of R2–5 */
As=As+(+2 or +4 or R8[Is] or +0); /* Inc.Index,Not-Update */
else { /* Decrement, Pre-update */
/* As is one of R2–5 */
As=As+(–2 or –4);
MAB=As;
/* memory access cycle uses MAB. The address to be used has been
updated */
}
/* The value to be added to the address register depends on addressing
operations.
For example, (+2 or R8[Ix] or +0) means that
+2:
if operation is increment
R8[Ix}:
if operation is add-index-reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com