Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 72Page - Renesas Technology Corp SH7616 Datasheet HTML 73Page - Renesas Technology Corp SH7616 Datasheet HTML 74Page - Renesas Technology Corp SH7616 Datasheet HTML 75Page - Renesas Technology Corp SH7616 Datasheet HTML 76Page - Renesas Technology Corp SH7616 Datasheet HTML 77Page - Renesas Technology Corp SH7616 Datasheet HTML 78Page - Renesas Technology Corp SH7616 Datasheet HTML 79Page - Renesas Technology Corp SH7616 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 50 of 906
REJ09B0292-0200
T Bit: The T bit in the status register (SR) changes according to the result of a comparison, and
conditional branches occur in accordance with its true or false status. The number of instructions
modifying the T bit is kept to a minimum to improve the processing speed.
Table 2.8
T Bit
SH7616 CPU
Description
Example of Conventional CPU
CMP/GE R1,R0
BT
TRGET0
BF
TRGET1
T bit is set when R0
≥ R1.
The program branches to TRGET0
when R0
≥ R1.
The program branches to TRGET1
when R0 < R1
CMP.W R1,R0
BGE
TRGET0
BLT
TRGET1
ADD
#–1,R0
CMP/EQ #0,R0
BT
TRGET
T bit is not changed by ADD. T bit
is set when R0 = 0. The program
branches when R0 = 0
SUB.W #1,R0
BEQ
TRGET
Immediate Data: Byte immediate data resides in instruction code. Word or longword immediate
data is not input in instruction codes but is stored in a memory table. An immediate data transfer
instruction (MOV) accesses the memory table using the PC relative addressing mode with
displacement.
Table 2.9
Immediate Data Accessing
Classification
SH7616 CPU
Example of Conventional CPU
8-bit immediate
MOV
#H'12,R0
MOV.B
#H'12,R0
16-bit immediate
MOV.W @(disp,PC),R0
........
.DATA.W H'1234
MOV.W #H'1234,R0
32-bit immediate
MOV.L
@(disp,PC),R0
........
.DATA.L H'12345678
MOV.L
#H'12345678,R0
Note: @(disp, PC) accesses the immediate data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com