Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 70Page - Renesas Technology Corp SH7616 Datasheet HTML 71Page - Renesas Technology Corp SH7616 Datasheet HTML 72Page - Renesas Technology Corp SH7616 Datasheet HTML 73Page - Renesas Technology Corp SH7616 Datasheet HTML 74Page - Renesas Technology Corp SH7616 Datasheet HTML 75Page - Renesas Technology Corp SH7616 Datasheet HTML 76Page - Renesas Technology Corp SH7616 Datasheet HTML 77Page - Renesas Technology Corp SH7616 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 48 of 906
REJ09B0292-0200
39
32
31
0
A0G
A1G
A0
A1
M0
M1
X0
X1
Y0
Y1
DSR
CDB
XDB
YDB
MOVS.W,
MOVS.L
32 bits
16 bits
16 bits
16 bits
32 bits
MOVX.W,
MOVY.W
MOVS.W,
MOVS.L
16
8 bits
70
[7:0]
Figure 2.8 DSP Register-Bus Relationship during Data Transfers
2.3
CPU Core Instruction Features
The CPU core instructions are RISC type. The characteristics are as follows.
16-Bit Fixed Length: All instructions are 16 bits long, increasing program code efficiency.
One Instruction per Cycle: The microprocessor can execute basic instructions in one cycle using
the pipeline system. One state equals 16.0 ns when operating at 62.5 MHz.
Data Length: Longword is the basic data length for all operations. Memory can be accessed in
bytes, words, or longwords. Byte or word data accessed from memory is sign-extended and
handled as longword data. Immediate data is sign-extended for arithmetic operations or zero-
extended for logic operations. It also is handled as longword data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com