Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 71Page - Renesas Technology Corp SH7616 Datasheet HTML 72Page - Renesas Technology Corp SH7616 Datasheet HTML 73Page - Renesas Technology Corp SH7616 Datasheet HTML 74Page - Renesas Technology Corp SH7616 Datasheet HTML 75Page - Renesas Technology Corp SH7616 Datasheet HTML 76Page - Renesas Technology Corp SH7616 Datasheet HTML 77Page - Renesas Technology Corp SH7616 Datasheet HTML 78Page - Renesas Technology Corp SH7616 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 49 of 906
REJ09B0292-0200
Table 2.6
Sign Extension of Word Data
SH7616 CPU
Description
Example of Conventional CPU
MOV.W
@(disp,PC),R1
ADD
R1,R0
........
.DATA.W H'1234
Data is sign-extended to 32
bits, and R1 becomes
H'00001234. It is next operated
upon by an ADD instruction
ADD.W
#H'1234,R0
Note: @(disp, PC) accesses the immediate data.
Load-Store Architecture: Basic operations are executed between registers. For operations that
involve memory access, data is loaded to the registers and executed (load-store architecture).
However, Instructions such as AND manipulating bits, are executed directly in memory.
Delayed Branches: Such instructions as unconditional branches are delayed branch instructions.
In the case of delayed branch instructions, the branch occurs after execution of the instruction
immediately following the delayed branch instruction (slot instruction). This reduces pipeline
disruption during branching.
The branching operation of the delayed branch occurs after execution of the slot instruction.
However, with the exception of such branch operations as register updating, execution of
instructions is performed with the order of delayed branch instruction, then delayed slot
instruction.
For example, even if the contents of a register storing a branch destination address are modified by
a delayed slot, the branch destination address will still be the contents of the register before the
modification.
Table 2.7
Delayed Branch Instructions
SH7616 CPU
Description
Example of Conventional CPU
BRA
TRGET
ADD
R1,R0
Executes an ADD before
branching to TRGET
ADD.W
R1,R0
BRA
TRGET
Multiplication/Multiply-Accumulate Operation: 16
× 16 → 32 multiplications execute in one
to three cycles, and 16
× 16 + 64 → 64 multiply-accumulate operations execute in two to three
cycles. 32
× 32 → 64 multiplications and 32 × 32 + 64 → 64 multiply-accumulate operations
execute in two to four cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com