Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 36Page - Renesas Technology Corp SH7616 Datasheet HTML 37Page - Renesas Technology Corp SH7616 Datasheet HTML 38Page - Renesas Technology Corp SH7616 Datasheet HTML 39Page - Renesas Technology Corp SH7616 Datasheet HTML 40Page - Renesas Technology Corp SH7616 Datasheet HTML 41Page - Renesas Technology Corp SH7616 Datasheet HTML 42Page - Renesas Technology Corp SH7616 Datasheet HTML 43Page - Renesas Technology Corp SH7616 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 14 of 906
REJ09B0292-0200
1.3
Pin Description
1.3.1
Pin Arrangement
Figure 1.2 shows the pin arrangement.
A19
A18
A17
VSS
A16
VCC
A15
A14
A13
A12
A11
A10
A9
VSS
A8
VCC
A7
A6
A5
A4
A3
A2
A1
VCC
A0
VSS
VSS
D31
VCC
D30
D29
D28
D27
D26
D25
VSS
D24
VCC
VCC
D23
D22
D21
D20
VSS
VSS
D19
VCC
D18
D17
D16
D15
D14
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
157
158
159
160
161
162
163
164
165
166
167
168
169
170
171
172
173
174
175
176
177
178
179
180
181
182
183
184
185
186
187
188
189
190
191
192
193
194
195
196
197
198
199
200
201
202
203
204
205
206
207
208
PVSS
TIOCA1/SRXD2/PB10
TCLKC/TIOCB1/STCK2/PB9
TIOCA2/STS2/PB8
TCLKD/TIOCB2/STXD2/PB7
SCK2/SRCK1/PB6
RXD2/SRS1/PB5
TXD2/SRXD1/PB4
TIOCA0/STCK1/PB3
TIOCB0/STS1/PB2
PVCC
TCLKA/TIOCC0/STXD1/PB1
PVSS
WOL/TCLKB/TIOCD0/PB0
SRCK0/PA13
SRS0/PA12
SRXD0/PA11
STCK0/PA10
STS0/PA9
STXD0/PA8
WDTOVF/PA7
FTCI/PA6
PVCC
FTI/PA5
PVSS
FTOA/PA4
FTOB/CKPO
LNKSTA/PA2
EXOUT/PA1
PA0/CAMSEN
RXER
RXDV
COL
CRS
PVSS
RXCLK
PVCC
ERXD0
ERXD1
ERXD2
ERXD3
MDIO
MDC
PVCC
TXCLK
PVSS
TXEN
ETXD0
ETXD1
ETXD2
ETXD3
TXER
PLQP0208KA-A
(Top view)
Body size
Height
Pin pitch
Note: * When doing debugging using the E10A emulator, this pin is used for mode switching. It should be connected to Vss
when using the E10A emulator and connected to Vcc when using a normal user system.
28
× 28
1.7
0.5
(mm)
(mm)
(mm)
Figure 1.2 SH7616 Pin Arrangement (PLQP0208KA-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com