Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 33Page - Renesas Technology Corp SH7616 Datasheet HTML 34Page - Renesas Technology Corp SH7616 Datasheet HTML 35Page - Renesas Technology Corp SH7616 Datasheet HTML 36Page - Renesas Technology Corp SH7616 Datasheet HTML 37Page - Renesas Technology Corp SH7616 Datasheet HTML 38Page - Renesas Technology Corp SH7616 Datasheet HTML 39Page - Renesas Technology Corp SH7616 Datasheet HTML 40Page - Renesas Technology Corp SH7616 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 11 of 906
REJ09B0292-0200
Item
Specifications
16-bit free-running
timer (FRT),
1 channel
• Choice of four counter input clocks
 Three internal clocks (Pφ/8, Pφ/32, Pφ/128)
 External clock (enabling external event counting)
• Two independent comparators (allowing generation of two waveform
outputs)
• Input capture (choice of rising edge or falling edge)
• Counter clear specification
 Counter value can be cleared by compare match A
• Four interrupt sources
 Two compare match sources (OCIA, OCIB)
 One input capture source (ICI)
 One overflow source (OVI)
Watchdog timer
(WDT), 1 channel
• Can be switched between watchdog timer mode and interval timer mode
• Internal reset, external signal (WDTOVF), or interrupt generated on count
overflow
• Used when standby mode is cleared or the clock frequency is changed,
and in clock pause mode
• Selection of eight counter input clocks
Clock pulse
generator (CPG)
• Built-in clock pulse generator
• Selection of crystal or external clock as clock source
• Built-in clock-multiplication PLL circuits
• Built-in PLL circuit for phase synchronization between external clock and
internal clock
• CPU/DSP core clock (Iφ), peripheral module clock (Pφ), and external
interface clock (E
φ) frequencies can be scaled independently



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com