Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 79Page - Renesas Technology Corp SH7616 Datasheet HTML 80Page - Renesas Technology Corp SH7616 Datasheet HTML 81Page - Renesas Technology Corp SH7616 Datasheet HTML 82Page - Renesas Technology Corp SH7616 Datasheet HTML 83Page - Renesas Technology Corp SH7616 Datasheet HTML 84Page - Renesas Technology Corp SH7616 Datasheet HTML 85Page - Renesas Technology Corp SH7616 Datasheet HTML 86Page - Renesas Technology Corp SH7616 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 57 of 906
REJ09B0292-0200
3. Increment address registers: The Ax, Ay registers are address pointers. The value +2 is added
to each of them after the data transfer (post-update).
Each of the address pointers has an index register. The R8 register becomes the index register (Ix)
of the X memory address register (Ax), and the R9 register becomes the index register (Iy) of the
Y memory address register (Ay).
The X, Y data transfer instructions are processed in word lengths. X, Y data memory is accessed
in 16 bit lengths. This is why the increment processing adds 2 to the address registers. In order to
decrement, set –2 in the index register and designate add index register addressing. During X, Y
data addressing, only bits 1 to 15 of the address pointer are valid. Always write a 0 to bit 0 of the
address pointer and the index register during X, Y data addressing.
Figure 2.9 shows the X, Y data transfer addressing. When X memory and Y memory are accessed
using the X, Y bus, the upper word of Ax (R4 or R5) and Ay (R6 or R7) is ignored. The result of
@Ay+ and @Ay+Iy is stored in the lower word of Ay, and the upper word retains its original
value.
ALU
AU*
R8[Ix]
R4[Ax]
R5[Ax]
R9[Iy]
R6[Ay]
R7[Ay]
+2 (INC)
+2 (INC)
+0 (No update)
+0 (No update)
Notes:
All three addressing methods (increment, index register addition (Ix, Iy), and
no update) are post-updating methods. To decrement the address pointer, set
the index register to –2 or –4.
* Adder added for DSP addressing.
Figure 2.9 X, Y Data Transfer Addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com