Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 80Page - Renesas Technology Corp SH7616 Datasheet HTML 81Page - Renesas Technology Corp SH7616 Datasheet HTML 82Page - Renesas Technology Corp SH7616 Datasheet HTML 83Page - Renesas Technology Corp SH7616 Datasheet HTML 84Page - Renesas Technology Corp SH7616 Datasheet HTML 85Page - Renesas Technology Corp SH7616 Datasheet HTML 86Page - Renesas Technology Corp SH7616 Datasheet HTML 87Page - Renesas Technology Corp SH7616 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 58 of 906
REJ09B0292-0200
Single Data Addressing: Among the DSP instructions, the single data transfer instructions
(MOVS.W and MOVS.L) are used to either load data into DSP registers or to store it from them.
With these instructions, the registers R2 to R5 are used as address registers (As) for the single data
transfers.
The four following data addressing instructions exist for single data transfer instructions.
1. Non-updated address registers: The As registers are address pointers. They are not updated.
2. Add index registers: The As registers are address pointers. The Is register values are added to
them after the data transfer (post-update).
3. Increment address registers: The As registers are address pointers. The value +2 or +4 is added
after the data transfer (post-update).
4. Decrement address registers: The As registers are address pointers. The value –2 or –4 is added
(+2 or +4 is subtracted) before the data transfer (pre-update).
The address pointer (As) uses the R8 register as an index register (Is).
Figure 2.10 shows the single data transfer addressing.
ALU
R8[Is]
R4[As]
R5[As]
+2/+4 (INC)
+0 (No update)
Note: There are four addressing methods (no update, index register addition (Is),
increment, and decrement). Index register addition and increment are
post-updating methods. Decrement is a pre-updating method.
R3[As]
R2[As]
–2/–4 (DEC)
31
31
0
31
0
0
MAB
CAB
Figure 2.10 Single Data Transfer Addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com