Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 609 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 609 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 605Page - Renesas Technology Corp SH7616 Datasheet HTML 606Page - Renesas Technology Corp SH7616 Datasheet HTML 607Page - Renesas Technology Corp SH7616 Datasheet HTML 608Page - Renesas Technology Corp SH7616 Datasheet HTML 609Page - Renesas Technology Corp SH7616 Datasheet HTML 610Page - Renesas Technology Corp SH7616 Datasheet HTML 611Page - Renesas Technology Corp SH7616 Datasheet HTML 612Page - Renesas Technology Corp SH7616 Datasheet HTML 613Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 609 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 583 of 906
REJ09B0292-0200
Table 14.4 Examples of Bit Rates and SCBRR Settings in Synchronous Mode
P
φφφφ (MHz)
4
8
16
32
Bit Rate (Bits/s)
n
N
n
N
n
N
n
N
110
——
——
——
——
250
2
249
3
124
3
249
—
—
500
2
124
2
249
3
124
3
249
1 k
1
249
2
124
2
249
3
124
2.5 k
1
99
1
199
2
99
2
199
5 k
0
199
1
99
1
199
2
99
10 k
0
99
0
199
1
99
1
199
25 k
0
39
0
79
0
159
1
79
50 k
0
19
0
39
0
79
0
159
100 k
0
9
0
19
0
39
0
79
250 k
0
3
0
7
0
15
0
31
500 k
0
1
0
3
0
7
0
15
1 M
0
0*
01
03
07
2 M
0
0*
01
03
Note: As far as possible, the setting should be made so that the error is within 1%.
Legend
Blank: No setting is available.
—:
A setting is available but error occurs.
*
Continuous transmission/reception is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com